Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 9 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 5Page - Texas Instruments PCI1221 Datasheet HTML 6Page - Texas Instruments PCI1221 Datasheet HTML 7Page - Texas Instruments PCI1221 Datasheet HTML 8Page - Texas Instruments PCI1221 Datasheet HTML 9Page - Texas Instruments PCI1221 Datasheet HTML 10Page - Texas Instruments PCI1221 Datasheet HTML 11Page - Texas Instruments PCI1221 Datasheet HTML 12Page - Texas Instruments PCI1221 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 3. 16-Bit PC Card Signal Names by GHK/PDV Pin Number
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
SIGNAL NAME
GHK
PDV
SIGNAL NAME
D1
1
VCCP
F3
7
VCC
K18
129
GND
A4
208
AD12
F2
8
AD6
K14
132
A_A1
E6
206
AD13
E7
201
VCC
K15
131
A_A2
C6
202
PAR
C7
197
DEVSEL
K17
130
A_REG
F7
198
STOP
F8
193
FRAME
L2
30
B_CE2
E8
194
GND
E9
189
AD18
L3
31
VCC
A8
190
AD17
A9
185
AD21
L6
32
B_OE
B9
186
AD20
B10
181
GND
L1
29
B_A10
C10
182
IDSEL
C11
177
AD26
L17
125
A_A5
E11
178
VCCP
B12
173
AD29
K19
128
A_A3
A12
174
AD28
B13
169
REQ
L14
127
A_INPACK
A13
170
AD31
E13
165
AD25
L15
126
A_A4
A14
166
PRST
G15
149
SPKROUT
M1
34
B_A11
A15
162
C/BE3
F14
152
DATA
M2
35
B_IOWR
E14
159
MFUNC4
E19
151
CLOCK
M3
36
B_A9
C15
158
MFUNC3
F17
150
LATCH
L5
33
B_IORD
A16
157
MFUNC2
F1
10
AD4
M18
121
A_A25
E3
2
AD10
H6
11
AD3
L18
124
A_RESET
C5
207
GND
G3
12
AD2
L19
123
A_A6
B5
205
AD14
G5
9
AD5
M19
122
A_VS2
A5
203
C/BE1
G17
145
A_D9
M5
38
VCCB
A6
199
PERR
F18
148
VCCI
N1
39
B_A8
A7
195
IRDY
F19
147
A_D10
N2
40
B_A18
B8
191
AD16
G14
146
A_D2
M6
37
B_A17
C9
187
VCC
G1
14
AD1
N18
117
A_A12
E10
183
AD23
H5
15
AD0
M17
120
VCCA
F11
179
AD24
H3
16
B_CD1
M15
119
A_A7
A11
175
VCC
G2
13
GND
N19
118
A_A24
E12
171
AD30
H14
141
A_D0
N6
42
B_A19
F12
167
GND
G18
144
A_D1
P1
43
B_A14
C14
163
RI_OUT/PME
G19
143
VCC
P2
44
GND
F13
160
MFUNC5
H15
142
A_D8
N3
41
B_A13
E17
155
MFUNC1
H1
18
B_D11
N15
113
VCC
D19
156
SUSPEND
J1
19
B_D4
N17
116
A_A23
F5
3
AD9
J2
20
B_D12
M14
115
A_A15
G6
4
AD8
H2
17
B_D3
P19
114
A_A22
E2
5
C/BE0
J15
137
A_BVD2(SPKR)P3
46
B_WE
F6
204
AD15
H17
140
A_CD2
R1
47
B_A21
B6
200
SERR
H18
139
A_WP(IOIS16)P6
48
B_A16
B7
196
TRDY
H19
138
A_BVD1(STSCHG/RI)N5
45
B_A20
C8
192
C/BE2
J5
22
GND
R7
61
B_INPACK
F9
188
AD19
J6
23
B_D13
V7
65
B_A2
F10
184
AD22
K1
24
B_D6
V8
69
B_READY(IREQ)
A10
180
PCLK
J3
21
B_D5
U9
73
B_WP(IOIS16)
B11
176
AD27
J19
133
A_A0
V10
77
B_D8
C12
172
AD11
J14
136
A_WAIT
W11
81
B_D10
C13
168
GNT
J17
135
A_READY(IREQ)R11
85
A_D4
B14
164
VCC
J18
134
A_VS1
P12
89
A_D13
B15
161
MFUNC6
K3
26
B_D7
U13
93
A_D15
E18
153
GND
K5
27
B_D15
R13
97
A_CE2
F15
154
MFUNC0
K6
28
B_CE1
P18
112
A_A16
E1
6
AD7
K2
25
B_D14
P17
111
A_A21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com