Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 37 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 37 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 33Page - Texas Instruments PCI1221 Datasheet HTML 34Page - Texas Instruments PCI1221 Datasheet HTML 35Page - Texas Instruments PCI1221 Datasheet HTML 36Page - Texas Instruments PCI1221 Datasheet HTML 37Page - Texas Instruments PCI1221 Datasheet HTML 38Page - Texas Instruments PCI1221 Datasheet HTML 39Page - Texas Instruments PCI1221 Datasheet HTML 40Page - Texas Instruments PCI1221 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
using parallel IRQ interrupts (continued)
As an example, suppose the six IRQs used by legacy PC Card applications are IRQ3, IRQ4, IRQ5, IRQ10,
IRQ11, and IRQ15. The multifunction control register must be programmed to a value of 0x0FBA5432. This
value routes the MFUNC0 terminal to INTA signaling and routes the remaining terminals as illustrated in
Figure 16. Not shown is that INTA must also be routed to the programmable interrupt controller (PIC), or to some
circuitry that provides parallel PCI interrupts to the host.
PCI1221
PIC
MFUNC1
MFUNC2
MFUNC3
MFUNC4
MFUNC5
MFUNC6
IRQ3
IRQ4
IRQ5
IRQ10
IRQ11
IRQ15
Figure 16. IRQ Implementation
Power-on software is responsible for programming the multifunction routing register to reflect the IRQ
configuration of a system implementing the PCI1221. The multifunction routing register is shared between the
two PCI1221 functions, and only one write to function 0 or 1 is necessary to configure the MFUNC6:0 signals.
Writing to only function 0 is recommended. Refer to the
multifunction routing register description on page 62
for details on configuring the multifunction terminals.
The parallel ISA type IRQ signaling from the MFUNC6:0 terminals is compatible with those input directly into
the 8259 PIC. The parallel IRQ option is provided for system designs that require legacy ISA IRQs. Design
constraints may demand more MFUNC6:0 IRQ terminals than the PCI1221 makes available. A system designer
may choose to implement an IRQSER deserializer companion chip, such as the Texas Instruments PCI950.
To use a deserializer, the MFUNC3 terminal must be configured as IRQSER and connected to the deserializer,
which outputs all 15 ISA IRQ’s and four PCI interrupts as decoded from the IRQSER stream.
using parallel PCI interrupts
Parallel PCI interrupts are available when exclusively in parallel PCI interrupt mode parallel ISA IRQ signaling
mode, and when only IRQs are serialized with the IRQSER protocol. Both INTA and INTB can be routed to
MFUNC terminals (MFUNC0 and MFUNC1). However, both socket functions’ interrupts can be routed to INTA
(MFUNC0) if the INTRTIE bit is set in the system control register.
The INTRTIE bit effects the read-only value provided through accesses to the interrupt pin register. When
INTRTIE bit is set, both functions return a value of 0x01 on reads from the interrupt pin register for both parallel
and serial PCI interrupts. The interrupt signalling modes are summarized in Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com