Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 62 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 62 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 58Page - Texas Instruments PCI1221 Datasheet HTML 59Page - Texas Instruments PCI1221 Datasheet HTML 60Page - Texas Instruments PCI1221 Datasheet HTML 61Page - Texas Instruments PCI1221 Datasheet HTML 62Page - Texas Instruments PCI1221 Datasheet HTML 63Page - Texas Instruments PCI1221 Datasheet HTML 64Page - Texas Instruments PCI1221 Datasheet HTML 65Page - Texas Instruments PCI1221 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
62
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
multifunction routing register
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Multifunction routing
Type
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Multifunction routing
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Multifunction routing
Type:
Read/only, read/write (see individual bit descriptions)
Offset:
8Ch (functions 0, 1)
Default:
0000 0000h
Description: The Multifunction routing register is used to configure the MFUNC0:6 terminals. These
terminals may be configured for various functions. All multifunction terminals default to the
general-purpose input configuration. Pullup resistors are required for terminals configured as
outputs. This register is intended to be programmed once at power-on initialization. The
default value for this register may also be loaded through a serial bus EEPROM.
Table 22. Multifunction Routing Register
BIT
SIGNAL
TYPE
FUNCTION
31–28
RSVD
R
Bits 31–28 are read/only and return 0s when read.
27–24
MFUNC6
R/W
Multifunction terminal 6 configuration. These bits control the internal signal mapped to the MFUNC6
terminal as follows:
0000 – RSVD = Reserved input – high impedance (default)
0001 – CLKRUN = PCI clock control signal
0010 – IRQ2 = Parallel ISA type IRQ2
0011 – IRQ3 = Parallel ISA type IRQ3
0100 – IRQ4 = Parallel ISA type IRQ4
0101 – IRQ5 = Parallel ISA type IRQ5
0110 – IRQ6 = Parallel ISA type IRQ6
0111 – IRQ7 = Parallel ISA type IRQ7
1000 – IRQ8 = Parallel ISA type IRQ8
1001 – IRQ9 = Parallel ISA type IRQ9
1010 – IRQ10 = Parallel ISA type IRQ10
1011 – IRQ11 = Parallel ISA type IRQ11
1100 – IRQ12 = Parallel ISA type IRQ12
1101 – IRQ13 = Parallel ISA type IRQ13
1110 – IRQ14 = Parallel ISA type IRQ14
1111 – IRQ15 = Parallel ISA type IRQ15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com