Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 14 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 10Page - Texas Instruments PCI1221 Datasheet HTML 11Page - Texas Instruments PCI1221 Datasheet HTML 12Page - Texas Instruments PCI1221 Datasheet HTML 13Page - Texas Instruments PCI1221 Datasheet HTML 14Page - Texas Instruments PCI1221 Datasheet HTML 15Page - Texas Instruments PCI1221 Datasheet HTML 16Page - Texas Instruments PCI1221 Datasheet HTML 17Page - Texas Instruments PCI1221 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
PCI interface control
TERMINAL
NAME
PIN NUMBER
I/O
TYPE
FUNCTION
NAME
PDV
GHK
TYPE
DEVSEL
197
C7
I/O
PCI device select. The PCI1221 asserts DEVSEL to claim a PCI cycle as the target device. As a
PCI initiator on the bus, the PCI1221 monitors DEVSEL until a target responds. If no target
responds before timeout occurs, the PCI1221 terminates the cycle with an initiator abort.
FRAME
193
F8
I/O
PCI cycle frame. FRAME is driven by the initiator of a bus cycle. FRAME is asserted to indicate that
a bus transaction is beginning, and data transfers continue while this signal is asserted. When
FRAME is deasserted, the PCI bus transaction is in the final data phase.
GNT
168
C13
I
PCI bus grant. GNT is driven by the PCI bus arbiter to grant the PCI1221 access to the PCI bus
after the current data transaction has completed. GNT may or may not follow a PCI bus request,
depending on the PCI bus parking algorithm.
IDSEL
182
C10
I
Initialization device select. IDSEL selects the PCI1221 during configuration space accesses.
IDSEL can be connected to one of the upper 24 PCI address lines on the PCI bus.
IRDY
195
A7
I/O
PCI initiator ready. IRDY indicates the PCI bus initiator’s ability to complete the current data phase
of the transaction. A data phase is completed on a rising edge of PCLK where both IRDY and TRDY
are asserted. Until IRDY and TRDY are both sampled asserted, wait states are inserted.
PERR
199
A6
I/O
PCI parity error indicator. PERR is driven by a PCI device to indicate that calculated parity does
not match PAR when PERR is enabled through bit 6 of the command register.
REQ
169
B13
O
PCI bus request. REQ is asserted by the PCI1221 to request access to the PCI bus as an initiator.
SERR
200
B6
O
PCI system error. SERR is an output that is pulsed from the PCI1221 when enabled through the
command register indicating a system error has occurred. The PCI1221 need not be the target of
the PCI cycle to assert this signal. When SERR is enabled in the control register, this signal also
pulses, indicating that an address parity error has occurred on a CardBus interface.
STOP
198
F7
I/O
PCI cycle stop signal. STOP is driven by a PCI target to request the initiator to stop the current PCI
bus transaction. STOP is used for target disconnects and is commonly asserted by target devices
that do not support burst data transfers.
TRDY
196
B7
I/O
PCI target ready. TRDY indicates the primary bus target’s ability to complete the current data phase
of the transaction. A data phase is completed on a rising edge of PCLK when both IRDY and TRDY
are asserted. Until both IRDY and TRDY are asserted, wait states are inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com