Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 73 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 73 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 69Page - Texas Instruments PCI1221 Datasheet HTML 70Page - Texas Instruments PCI1221 Datasheet HTML 71Page - Texas Instruments PCI1221 Datasheet HTML 72Page - Texas Instruments PCI1221 Datasheet HTML 73Page - Texas Instruments PCI1221 Datasheet HTML 74Page - Texas Instruments PCI1221 Datasheet HTML 75Page - Texas Instruments PCI1221 Datasheet HTML 76Page - Texas Instruments PCI1221 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 123 page
background image
73
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
general-purpose event status register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Power-management control/status
Type
R/C
R/C
R
R
R/C
R
R
R/C
R
R
R
R/C
R/C
R/C
R/C
R/C
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
General-purpose event status
Type:
Read only, read/clear (see individual bit descriptions)
Offset:
A8h (function 0)
Default:
0000h
Description: The general-purpose event status register contains status bits that are set when events occur
that are controlled by the general-purpose control register. The bits in this register and the
corresponding GPE are cleared by writing a 1 to the corresponding bit location. The status bits
in this register do not depend upon the state of a corresponding bit in the general-purpose
enable register. Access this register only through function 0. See Table 30 for a complete
description of the register contents.
Table 30. General-Purpose Event Status Register
BIT
SIGNAL
TYPE
FUNCTION
15
ZV0_STS
R/C
PC card socket 0 ZV Status. Bit 15 is set on a change in status of the ZVENABLE bit in the
function 0 PC card controller function of the PCI1221.
14
ZV1_STS
R/C
PC card socket 1 ZV Status. Bit 14 is set on a change in status of the ZVENABLE bit in the
function 1 PC card controller function of the PCI1221.
13–12
RSVD
R
Reserved. These bits are read only and return zero when read.
11
PWR_STS
R/C
Power change status. Bit 11 is set when software has changed the power state of either socket.
A change in either VCC or VPP for either socket causes this bit to be set.
10–9
RSVD
R
Reserved. These bits are read only and return zero when read.
8
VPP12_STS
R/C
12 Volt VPP request status. Bit 8 is set when software has changed the requested Vpp level to
or from 12 Volts for either of the two PC Card sockets.
7–5
RSVD
R
Reserved. These bits are read only and return zero when read.
4
GP4_STS
R/C
GPI4 Status. Bit 4 is set on a change in status of the MFUNC5 terminal input level.
3
GP3_STS
R/C
GPI3 Status. Bit 3 is set on a change in status of the MFUNC4 terminal input level .
2
GP2_STS
R/C
GPI2 Status. Bit 2 is set on a change in status of the MFUNC2 terminal input level.
1
GP1_STS
R/C
GPI1 Status. Bit 1 is set on a change in status of the MFUNC1 terminal input level.
0
GP0_STS
R/C
GPI0 Status. Bit 0 is set on a change in status of the MFUNC0 terminal input level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com