Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 87 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 87 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 83Page - Texas Instruments PCI1221 Datasheet HTML 84Page - Texas Instruments PCI1221 Datasheet HTML 85Page - Texas Instruments PCI1221 Datasheet HTML 86Page - Texas Instruments PCI1221 Datasheet HTML 87Page - Texas Instruments PCI1221 Datasheet HTML 88Page - Texas Instruments PCI1221 Datasheet HTML 89Page - Texas Instruments PCI1221 Datasheet HTML 90Page - Texas Instruments PCI1221 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 123 page
background image
87
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ExCA interrupt and general-control register (index 03h)
Bit
7
6
5
4
3
2
1
0
Name
ExCA interrupt and general control
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Register:
ExCA interrupt and general control
Type:
Read/write (see individual bit descriptions)
Offset:
CardBus socket address + 803h; Card A ExCA offset 03h
Card B ExCA offset 43h
Default:
00h
Description: This register controls interrupt routing for I/O interrupts, as well as other critical 16-bit
PC Card functions. See Table 42 for a complete description of the register contents.
Table 42. ExCA Interrupt and General-Control Register (Index 03h)
BIT
SIGNAL
TYPE
FUNCTION
7
RINGEN
R/W
Card ring indicate enable. Bit 7 enables the ring indicate function of BVD1/RI. This bit is encoded as:
0 = Ring indicate disabled (default)
1 = Ring indicate enabled
6
RESET
R/W
Card reset. Bit 6 controls the 16-bit PC Card RESET, and allows host software to force a card reset. Bit 6
affects 16-bit cards only. This bit is encoded as
0 = RESET signal asserted (default)
1 = RESET signal deasserted
5
CARDTYPE
R/W
Card type. Bit 5 indicates the PC card type. This bit is encoded as:
0 = Memory PC Card installed (default)
1 = I/O PC Card installed
4
CSCROUTE
R/W
PCI Interrupt CSC routing enable bit. When bit 4 is set (high), the card status change interrupts are routed
to PCI interrupts. When low, the card status change interrupts are routed using bits 7–4 in the ExCA card
status change interrupt configuration register. This bit is encoded as:
0 = CSC interrupts are routed by ExCA registers (default).
1 = CSC interrupts are routed to PCI interrupts.
3-0
INTSELECT
R/W
Card interrupt select for I/O PC Card functional interrupts. Bits 3-0 select the interrupt routing for I/O
PC Card functional interrupts. This field is encoded as:
0000 = No interrupt routing (default).
0001 = IRQ1 enabled
0010 = SMI enabled
0011 = IRQ3 enabled
0100 = IRQ4 enabled
0101 = IRQ5 enabled
0100 = IRQ6 enabled
0111 = IRQ7 enabled
1000 = IRQ8 enabled
1001 = IRQ9 enabled
1010 = IRQ10 enabled
1011 = IRQ11 enabled
1100 = IRQ12 enabled
1101 = IRQ13 enabled
1110 = IRQ14 enabled
1111 = IRQ15 enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com