Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 82 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 82 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 78Page - Texas Instruments PCI1221 Datasheet HTML 79Page - Texas Instruments PCI1221 Datasheet HTML 80Page - Texas Instruments PCI1221 Datasheet HTML 81Page - Texas Instruments PCI1221 Datasheet HTML 82Page - Texas Instruments PCI1221 Datasheet HTML 83Page - Texas Instruments PCI1221 Datasheet HTML 84Page - Texas Instruments PCI1221 Datasheet HTML 85Page - Texas Instruments PCI1221 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 123 page
background image
82
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 38. ExCA Registers and Offsets
EXCA REGISTER NAME
PCI MEMORY ADDRESS
ExCA OFFSET (HEX)
EXCA REGISTER NAME
OFFSET (HEX)
CARD A
CARD B
Identification and revision
800
00
40
Interface status
801
01
41
Power control
802
02
42
Interrupt and general control
803
03
43
Card status change
804
04
44
Card status-change-interrupt configuration
805
05
45
Address window enable
806
06
46
I / O window control
807
07
47
I / O window 0 start-address low byte
808
08
48
I / O window 0 start-address high byte
809
09
49
I / O window 0 end-address low byte
80A
0A
4A
I / O window 0 end-address high byte
80B
0B
4B
I / O window 1 start-address low byte
80C
0C
4C
I / O window 1 start-address high byte
80D
0D
4D
I / O window 1 end-address low byte
80E
0E
4E
I / O window 1 end-address high byte
80F
0F
4F
Memory window 0 start-address low byte
810
10
50
Memory window 0 start-address high byte
811
11
51
Memory window 0 end-address low byte
812
12
52
Memory window 0 end-address high byte
813
13
53
Memory window 0 offset-address low byte
814
14
54
Memory window 0 offset-address high byte
815
15
55
Card detect and general control
816
16
56
Reserved
817
17
57
Memory window 1 start-address low byte
818
18
58
Memory window 1 start-address high byte
819
19
59
Memory window 1 end-address low byte
81A
1A
5A
Memory window 1 end-address high byte
81B
1B
5B
Memory window 1 offset-address low byte
81C
1C
5C
Memory window 1 offset-address high byte
81D
1D
5D
Global control
81E
1E
5E
Reserved
81F
1F
5F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com