Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 24 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 20Page - Texas Instruments PCI1221 Datasheet HTML 21Page - Texas Instruments PCI1221 Datasheet HTML 22Page - Texas Instruments PCI1221 Datasheet HTML 23Page - Texas Instruments PCI1221 Datasheet HTML 24Page - Texas Instruments PCI1221 Datasheet HTML 25Page - Texas Instruments PCI1221 Datasheet HTML 26Page - Texas Instruments PCI1221 Datasheet HTML 27Page - Texas Instruments PCI1221 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
24
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
loading subsystem identification (continued)
In some conditions, such as in a docking environment, the subsystem vendor ID register and subsystem ID
register must be loaded with a unique identifier via a serial EEPROM. The PCI1221 loads the data from the serial
EEPROM after a reset of the primary bus. Note that the SUSPEND input gates the PCI reset from the entire
PCI1221 core, including the serial bus state machine (see
suspend mode, on page 40, for details on using
SUSPEND).
The PCI1221 provides a two-line serial bus host controller that can be used to interface to a serial EEPROM.
Refer to
serial bus interface on page 29 for details on the two-wire serial bus controller and applications.
PC Card applications
This section describes the PC Card interfaces of the PCI1221:
D Card insertion/removal and recognition
D P2C power-switch interface
D Zoom video support
D Speaker and audio applications
D LED socket activity indicators
D CardBus socket registers
PC Card insertion/removal and recognition
The 1997 PC Card Standard addresses the card-detection and recognition process through an interrogation
procedure that the socket must initiate on card insertion into a cold, nonpowered socket. Through this
interrogation, card voltage requirements and interface (16 bit versus CardBus) are determined.
The scheme uses the CD1, CD2, VS1, and VS2 signals (CCD1, CCD2, CVS1, and CVS2 for CardBus). The
configuration of these four terminals identifies the card type and voltage requirements of the PC Card interface.
The encoding scheme is defined in the 1997 PC Card Standard and in Table 5.
Table 5. PC Card Card-Detect and Voltage-Sense Connections
CD2//CCD2
CD1//CCD1
VS2//CVS2
VS1//CVS1
KEY
INTERFACE
VOLTAGE
Ground
Ground
Open
Open
5 V
16-bit PC Card
5 V
Ground
Ground
Open
Ground
5 V
16-bit PC Card
5 V and 3.3 V
Ground
Ground
Ground
Ground
5 V
16-bit PC Card
5 V, 3.3 V, and X.X V
Ground
Ground
Open
Ground
LV
16-bit PC Card
3.3 V
Ground
Connect to CVS1
Open
Connect to CCD1
LV
CardBus PC Card
3.3 V
Ground
Ground
Ground
Ground
LV
16-bit PC Card
3.3 V and X.X V
Connect to CVS2
Ground
Connect to CCD2
Ground
LV
CardBus PC Card
3.3 V and X.X V
Connect to CVS1
Ground
Ground
Connect to CCD2
LV
CardBus PC Card
3.3 V, X.X V, and Y.Y V
Ground
Ground
Ground
Open
LV
16-bit PC Card
Y.Y V
Connect to CVS2
Ground
Connect to CCD2
Open
LV
CardBus PC Card
Y.Y V
Ground
Connect to CVS2
Connect to CCD1
Open
LV
CardBus PC Card
X.X V and Y.Y V
Connect to CVS1
Ground
Open
Connect to CCD2
LV
CardBus PC Card
Y.Y V
Ground
Connect to CVS1
Ground
Connect to CCD1
Reserved
Ground
Connect to CVS2
Connect to CCD1
Ground
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com