Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI1221 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 17Page - Texas Instruments PCI1221 Datasheet HTML 18Page - Texas Instruments PCI1221 Datasheet HTML 19Page - Texas Instruments PCI1221 Datasheet HTML 20Page - Texas Instruments PCI1221 Datasheet HTML 21Page - Texas Instruments PCI1221 Datasheet HTML 22Page - Texas Instruments PCI1221 Datasheet HTML 23Page - Texas Instruments PCI1221 Datasheet HTML 24Page - Texas Instruments PCI1221 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
CardBus PC Card interface control (slots A and B)
TERMINAL
PIN NUMBER
I/O
FUNCTION
NAME
SLOT A†
SLOT B‡
TYPE
FUNCTION
PDV
GHK
PDV
GHK
CAUDIO
137
J15
71
W9
I
CardBus audio. CAUDIO is a digital input signal from a PC Card to the system
speaker. The PCI1221 supports the binary audio mode and outputs a binary signal
from the card to SPKROUT.
CBLOCK
107
P15
42
N6
I/O
CardBus lock. CBLOCK is used to gain exclusive access to a target.
CCD1
82
V11
16
H3
I
CardBus detect 1 and CardBus detect 2. CCD1 and CCD2 are used in conjunction
with CVS1 and CVS2 to identify card insertion and interrogate cards to determine
CCD2
140
H17
74
R9
I
with CVS1 and CVS2 to identify card insertion and interrogate cards to determine
the operating voltage and card type.
CDEVSEL
111
P17
47
R1
I/O
CardBus device select. The PCI1221 asserts CDEVSEL to claim a CardBus cycle
as the target device. As a CardBus initiator on the bus, the PCI1221 monitors
CDEVSEL until a target responds. If no target responds before timeout occurs, the
PCI1221 terminates the cycle with an initiator abort.
CFRAME
116
N17
51
R3
I/O
CardBus cycle frame. CFRAME is driven by the initiator of a CardBus bus cycle.
CFRAME is asserted to indicate that a bus transaction is beginning, and data
transfers continue while this signal is asserted. When CFRAME is deasserted, the
CardBus bus transaction is in the final data phase.
CGNT
110
R19
46
P3
I
CardBus bus grant. CGNT is driven by the PCI1221 to grant a CardBus PC Card
access to the CardBus bus after the current data transaction has been completed.
CINT
135
J17
69
V8
I
CardBus interrupt. CINT is asserted low by a CardBus PC Card to request interrupt
servicing from the host.
CIRDY
115
M14
50
P5
I/O
CardBus initiator ready. CIRDY indicates the CardBus initiator’s ability to complete
the current data phase of the transaction. A data phase is completed on a rising
edge of CCLK when both CIRDY and CTRDY are asserted. Until CIRDY and
CTRDY are both sampled asserted, wait states are inserted.
CPERR
108
N14
43
P1
I/O
CardBus parity error. CPERR is used to report parity errors during CardBus
transactions, except during special cycles. It is driven low by a target two clocks
following that data when a parity error is detected.
CREQ
127
L14
61
R7
I
CardBus request. CREQ indicates to the arbiter that the CardBus PC Card desires
use of the CardBus bus as an initiator.
CSERR
136
J14
70
W8
I
CardBus system error. CSERR reports address parity errors and other system
errors that could lead to catastrophic results. CSERR is driven by the card
synchronous to CCLK, but deasserted by a weak pullup, and may take several
CCLK periods. The PCI1221 can report CSERR to the system by assertion of SERR
on the PCI interface.
CSTOP
109
R18
45
N5
I/O
CardBus stop. CSTOP is driven by a CardBus target to request the initiator to stop
the current CardBus transaction. CSTOP is used for target disconnects, and is
commonly asserted by target devices that do not support burst data transfers.
CSTSCHG
138
H19
72
V9
I
CardBus status change. CSTSCHG is used to alert the system to a change in the
card’s status, and is used as a wake-up mechanism.
CTRDY
114
P19
49
R2
I/O
CardBus target ready. CTRDY indicates the CardBus target’s ability to complete the
current data phase of the transaction. A data phase is completed on a rising edge
of CCLK, when both CIRDY and CTRDY are asserted; until this time, wait states
are inserted.
CVS1
134
J18
68
U8
I/O
CardBus voltage sense 1 and CardBus voltage sense 2. CVS1 and CVS2 are used
in conjunction with CCD1 and CCD2 to identify card insertion and interrogate cards
CVS2
122
M19
56
P7
I/O
in conjunction with CCD1 and CCD2 to identify card insertion and interrogate cards
to determine the operating voltage and card type.
† Terminal name for slot A is preceded with A_. For example, the full name for terminals 137 and J15 are A_CAUDIO.
‡ Terminal name for slot B is preceded with B_. For example, the full name for terminals 71 and W9 are B_CAUDIO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com