Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 44 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 44 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
ADT7467
Rev. 3 | Page 44 of 77 | www.onsemi.com
Programming the PWMMIN Registers
The PWMMIN registers are 8-bit registers that allow the
minimum PWM duty cycle for each output to be configured
from 0% to 100%. This allows the minimum PWM duty cycle to
be set in steps of 0.39%.
The value to be programmed into the PWMMIN register is given by
Value (decimal) = PWMMIN/0.39%
Example 1: For a minimum PWM duty cycle of 50%,
Value (decimal) = 50%/0.39% = 128 (decimal)
Value = 128 (decimal) or 0x80 (hexadecimal)
Example 2: For a minimum PWM duty cycle of 33%,
Value (decimal) = 33%/0.39% = 85 (decimal)
Value = 85 (decimal)l or 0x54 (hexadecimal)
PWMMIN Registers
Register 0x64, PWM1 minimum duty cycle = 0x80 (50% default)
Register 0x65 PWM2 minimum duty cycle = 0x80 (50% default)
Register 0x66, PWM3 minimum duty cycle = 0x80 (50% default)
Fan Speed and PWM Duty Cycle
The PWM duty cycle does not directly correlate to fan speed in
RPM. Running a fan at 33% PWM duty cycle does not equate to
running the fan at 33% speed. Driving a fan at 33% PWM duty
cycle runs the fan at closer to 50% of its full speed, because fan
speed as a percentage of RPM generally relates to the square
root of the PWM duty cycle. Given a PWM square wave as the
drive signal, fan speed in RPM approximates to
10
%
×
=
cycle
duty
PWM
speed
fan
STEP 5: PWMMAX FOR PWM (FAN) OUTPUTS
PWMMAX is the maximum duty cycle that each fan in the
system runs at during the automatic fan speed control loop.
For maximum system acoustic benefit, PWMMAX should be as
low as possible but capable of keeping the processor below its
maximum temperature limit, even in a worst-case scenario. If
the THERM temperature limit is exceeded, the fans are still
boosted to 100% for fail-safe cooling.
There is a PWMMAX limit for each fan channel. The default
value of this register is 0xFF and, therefore, has no effect unless
it is programmed.
TEMPERATURE
TMIN
100%
PWMMIN
0%
PWMMAX
Figure 60. PWMMAX Determines Maximum PWM Duty Cycle Below the THERM
Temperature Limit
Programming the PWMMAX Registers
The PWMMAX registers are 8-bit registers that allow the
maximum PWM duty cycle for each output to be configured
from 0% to 100%. This allows the maximum PWM duty cycle
to be set in steps of 0.39%.
The value to be programmed into the PWMMAX register is given by
Value (decimal) = PWMMAX/0.39%
Example 1: For a maximum PWM duty cycle of 50%,
Value (decimal) = 50%/0.39% = 128 (decimal)
Value = 128 (decimal) or 0x80 (hexadecimal)
Example 2: For a minimum PWM duty cycle of 75%,
Value (decimal) = 75%/0.39% = 192 (decimal)
Value = 192 (decimal) or 0xC0 (hexadecimal)
PWMMAX Registers
Register 0x38, PWM1 maximum duty cycle = 0xFF
(100% default)
Register 0x39, PWM2 maximum duty cycle = 0xFF
(100% default)
Register 0x3A, PWM3 maximum duty cycle = 0xFF
(100% default)
See the Fan Speed and PWM Duty Cycle section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com