Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 16 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
ADT7467
Rev. 3 | Page 16 of 77 | www.onsemi.com
Table 6. 10-Bit Analog-to-Digital Output Code vs. VIN
Input Voltage
A/D Output
VCC (5 VIN)
VCC (3.3 VIN)
VCCP
Decimal
Binary (10 Bits)
<0.0065
<0.0042
<0.00293
0
00000000 00
0.0065 to 0.0130
0.0042 to 0.0085
0.0293 to 0.0058
1
00000000 01
0.0130 to 0.0195
0.0085 to 0.0128
0.0058 to 0.0087
2
00000000 10
0.0195 to 0.0260
0.0128 to 0.0171
0.0087 to 0.0117
3
00000000 11
0.0260 to 0.0325
0.0171 to 0.0214
0.0117 to 0.0146
4
00000001 00
0.0325 to 0.0390
0.0214 to 0.0257
0.0146 to 0.0175
5
00000001 01
0.0390 to 0.0455
0.0257 to 0.0300
0.0175 to 0.0205
6
00000001 10
0.0455 to 0.0521
0.0300 to 0.0343
0.0205 to 0.0234
7
00000001 11
0.0521 to 0.0586
0.0343 to 0.0386
0.0234 to 0.0263
8
00000010 00
…
1.6675 to 1.6740
1.100 to 1.1042
0.7500 to 0.7529
256 (1/4 scale)
01000000 00
…
3.330 to 3.3415
2.200 to 2.2042
1.5000 to 1.5029
512 (1/2 scale)
10000000 00
…
5.0025 to 5.0090
3.300 to 3.3042
2.2500 to 2.2529
768 (3/4 scale)
11000000 00
…
6.5983 to 6.6048
4.3527 to 4.3570
2.9677 to 2.9707
1013
11111101 01
6.6048 to 6.6113
4.3570 to 4.3613
2.9707 to 2.9736
1014
11111101 10
6.6113 to 6.6178
4.3613 to 4.3656
2.9736 to 2.9765
1015
11111101 11
6.6178 to 6.6244
4.3656 to 4.3699
2.9765 to 2.9794
1016
11111110 00
6.6244 to 6.6309
4.3699 to 4.3742
2.9794 to 2.9824
1017
11111110 01
6.6309 to 6.6374
4.3742 to 4.3785
2.9824 to 2.9853
1018
11111110 10
6.6374 to 6.4390
4.3785 to 4.3828
2.9853 to 2.9882
1019
11111110 11
6.6439 to 6.6504
4.3828 to 4.3871
2.9882 to 2.9912
1020
11111111 00
6.6504 to 6.6569
4.3871 to 4.3914
2.9912 to 2.9941
1021
11111111 01
6.6569 to 6.6634
4.3914 to 4.3957
2.9941 to 2.9970
1022
11111111 10
>6.6634
>4.3957
>2.9970
1023
11111111 11
TEMPERATURE MEASUREMENT
A simple method of measuring temperature is to exploit the
negative temperature coefficient of a diode, measuring the base-
emitter voltage (VBE) of a transistor operated at constant
current. Unfortunately, this technique requires calibration to
null the effect of the absolute value of VBE, which varies from
each device.
The technique used in the ADT7467 is to measure the change
in VBE when the device is operated at three currents. Previous
devices have used only two operating currents, but the use of a
third current allows automatic cancellation of resistances in
series with the external temperature sensor.
Figure 24 shows the input signal conditioning used to measure
the output of an external temperature sensor. This figure shows
the external sensor as a substrate transistor, but it could equally
be a discrete transistor. If a discrete transistor is used, the
collector is not grounded and should be linked to the base. To
prevent ground noise from interfering with the measurement,
the more negative terminal of the sensor is not referenced to
ground but is biased above ground by an internal diode at the
D− input. C1 can optionally be added as a noise filter (the
recommended maximum value is 1000 pF). However, a better
option in noisy environments is to add a filter as described in
the Noise Filtering section.
Local Temperature Measurement
The ADT7467 contains an on-chip band gap temperature
sensor whose output is digitized by the on-chip 10-bit ADC.
The 8-bit MSB temperature data is stored in the local tempera-
ture register (Address 0x26). Because both positive and negative
temperatures can be measured, the temperature data is stored in
Offset 64 format or twos complement format, as shown in
Table 7 and Table 8. Theoretically, the temperature sensor and
ADC can measure temperatures from −128°C to +127°C (or
−64°C to +191°C in the extended temperature range) with a
resolution of 0.25°C. However, this exceeds the operating
temperature range of the device, preventing local temperature
measurements outside the ADT7467 operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com