Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 71 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 71 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 75Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
ADT7467
Rev. 3 | Page 71 of 77 | www.onsemi.com
Table 41. TMIN Registers1
Register Address
R/W2
Description
Power-On Default
0x67
Read/write
Remote 1 TMIN.
0x9A (90°C)
0x68
Read/write
Local TMIN.
0x9A (90°C)
0x69
Read/write
Remote 2 TMIN.
0x9A (90°C)
1 These are the TMIN registers for each temperature channel. When the temperature measured exceeds TMIN, the appropriate fan runs at minimum speed and increases
with temperature according to TRANGE.
2 These registers become read-only registers when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to these registers fail.
Table 42. THERM Temperature Limit Registers1
Register Address
R/W2
Description
Power-On Default
0x6A
Read/write
Remote 1 THERM temperature limit.
0xA4 (100°C)
0x6B
Read/write
Local THERM temperature limit.
0xA4 (100°C)
0x6C
Read/write
Remote 2 THERM temperature limit.
0xA4 (100°C)
1 If any temperature measured exceeds its THERM limit, all PWM outputs drive their fans at 100% duty cycle. This is a fail-safe mechanism incorporated to cool the
system in the event of a critical overtemperature. It also ensures some level of cooling in the event that software or hardware locks up. If set to 0x80, this feature is
disabled. The PWM output remains at 100% until the temperature drops below THERM limit – hysteresis. If the THERM pin is programmed as an output, exceeding
these limits by 0.25°C can cause the THERM pin to assert low as an output.
2 These registers become read-only registers when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to these registers fail.
Table 43. Temperature/TMIN Hysteresis Registers1
Register Address
R/W2
Description
Power-On Default
0x6D
Read/write
Remote 1 and local temperature hysteresis.
0x44
0x6E
Read/write
Remote 2 temperature hysteresis.
0x40
1 Each 4-bit value controls the amount of temperature hysteresis applied to a particular temperature channel. Once the temperature for that channel falls below its TMIN
value, the fan remains running at PWMMIN duty cycle until the temperature = TMIN – hysteresis. Up to 15°C of hysteresis can be assigned to any temperature channel.
The hysteresis value chosen also applies to that temperature channel if its THERM limit is exceeded. If the THERM limit is exceeded, the PWM output being controlled
goes to 100% and remains at 100% until the temperature drops below THERM – hysteresis. For acoustic reasons, it is recommended that the hysteresis value not be
programmed to less than 4°C. Setting the hysteresis value lower than 4°C causes the fan to switch on and off regularly when the temperature is close to TMIN.
2 These registers become read-only registers when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to these registers fail.
Table 44. Register 0x6D—Remote 1 and Local Temperature Hysteresis
Bit
Name
R/W1
Description
<3:0>
HYSL
Read/write
Local temperature hysteresis. 0°C to 15°C of hysteresis can be applied to the local temperature AFC and dynamic
TMIN control loops.
<7:4>
HYSR1
Read/write
Remote 1 temperature hysteresis. 0°C to 15°C of hysteresis can be applied to the Remote 1 temperature AFC and
dynamic TMIN control loops.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.
Table 45. Register 0x6E—Remote 2 Temperature Hysteresis
Bit
Name
R/W1
Description
<7:4>
HYSR2
Read/write
Local temperature hysteresis. 0°C to 15°C of hysteresis can be applied to the local temperature AFC and dynamic
TMIN control loops.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.
Table 46. Register 0x6F—XNOR Tree Test Enable (Power-On Default = 0x00)
Bit
Name
R/W1
Description
<0>
XEN
Read/write
If the XEN bit is set to 1, the device enters the XNOR tree test mode. Clearing the bit removes the device from
the XNOR tree test mode.
<7:1>
Reserved
Read only
Unused. Do not write to these bits.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com