Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 52 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 52 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 77 page
background image
ADT7467
Rev. 3 | Page 52 of 77 | www.onsemi.com
Figure 71 shows the steps taken during the long cycle.
WAIT 2n
MONITORING
CYCLES
IS T1(n) < LOW TEMP LIMIT
AND
TMIN < HIGH TEMP LIMIT
AND
TMIN < OP1
AND
T1(n) > TMIN
IS T1(n) > OP1
YES
INCREASE
TMIN BY 1°C
YES
NO
NO
DECREASE TMIN
BY 1°C
CURRENT
TEMPERATURE
MEASUREMENT
T1(n)
OPERATING
POINT
TEMPERATURE
OP1
DO NOT
CHANGE
Figure 71. Long Cycle Steps
The following examples illustrate circumstances that may cause
TMIN to increase, decrease, or stay the same.
Normal Operation—No TMIN Adjustment
•
If measured temperature never exceeds the programmed
operating point minus the hysteresis temperature, TMIN is
not adjusted, that is, it remains at its current setting.
•
If measured temperature never drops below the low
temperature limit, TMIN is not adjusted.
TMIN
THERM LIMIT
OPERATING
POINT
HIGH TEMP
LIMIT
LOW TEMP
LIMIT
ACTUAL
TEMP
HYSTERESIS
Figure 72. Temperature Between Operating Point and Low Temperature Limit
Because neither the operating point minus the hysteresis
temperature nor the low temperature limit has been exceeded,
the TMIN value is not adjusted and the fan runs at a speed
determined by the fixed TMIN and TRANGE values, defined in the
automatic fan speed control mode in the Enhancing System
Acoustics section.
Operating Point Exceeded—TMIN Reduced
When the measured temperature is below the operating point
temperature minus the hysteresis, TMIN remains the same.
Once the temperature exceeds the operating temperature minus
the hysteresis (OP1 − Hyst), TMIN decreases during the short
cycle (see Figure 70) at a rate determined by the programmed
value of n. This rate also depends on the amount that the
temperature has increased between this monitoring cycle and
the last monitoring cycle. For example, if the temperature has
increased by 1°C, then TMIN is reduced by 2°C. Decreasing TMIN
has the effect of increasing the fan speed, thus providing more
cooling to the system.
If the temperature slowly increases only in the range (OP1 − Hyst),
that is, the change in temperature is ≤0.25°C per short monitor-
ing cycle, TMIN does not decrease. This allows small changes in
temperature in the desired operating zone without changing
TMIN. The long cycle makes no change to TMIN in the temperature
range (OP − Hyst), because the temperature has not exceeded
the operating temperature.
Once the temperature exceeds the operating temperature, TMIN
reduces by 1°C per long cycle as long as the temperature
remains above the operating temperature. This takes place in
addition to the decrease in TMIN that occurs during the short
cycle. In Figure 73, because the temperature is increasing at a
rate of ≤0.25°C per short cycle, no reduction in TMIN takes place
during the short cycle.
Once the temperature falls below the operating temperature,
TMIN remains fixed, even when the temperature starts to
increase slowly, because the temperature only increases at a rate
of ≤0.25°C per cycle.
Increasing the TMIN Cycle
When the temperature drops below the low temperature limit,
TMIN can increase during the long cycle. Increasing TMIN has the
effect of running the fan more slowly and, therefore, more
quietly. The long cycle diagram in Figure 71 shows the
conditions necessary for TMIN to increase.
TMIN can increase if
•
The measured temperature falls below the low temperature
limit. This means that the user must choose the low limit
carefully. It should not be so low that the temperature never
falls below it, because TMIN would never increase and the
fans would run faster than necessary.
•
TMIN is below the high temperature limit. TMIN is never
allowed to exceed the high temperature limit. As a result,
the high limit should be chosen carefully because it deter-
mines the high limit of TMIN.
•
TMIN is below the operating point temperature. TMIN should
never be allowed to increase above the operating point
temperature, because the fans would not switch on until
the temperature rose above the operating point.
•
The temperature is above TMIN. The dynamic TMIN control
is turned off below TMIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com