Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 66 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 66 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
ADT7467
Rev. 3 | Page 66 of 77 | www.onsemi.com
Table 28. Register 0x42—Interrupt Status Register 2 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<1>
OVT
Read only
OVT = 1 indicates that one of the THERM overtemperature limits has been exceeded. This bit is cleared upon a read
of the status register when the temperature drops below THERM – THYST.
<2>
FAN1
Read only
FAN1 = 1 indicates that Fan 1 has dropped below minimum speed or has stalled. This bit is not set when the PWM1
output is off.
<3>
FAN2
Read only
FAN2 = 1 indicates that Fan 2 has dropped below minimum speed or has stalled. This bit is not set when the PWM2
output is off.
<4>
FAN3
Read only
FAN3 = 1 indicates that Fan 3 has dropped below minimum speed or has stalled. This bit is not set when the PWM3
output is off.
<5>
F4P
Read only
F4P = 1 indicates that Fan 4 has dropped below minimum speed or has stalled. This bit is not set when the PWM3
output is off.
Read/write
When Pin 9 is programmed as a GPIO output, writing to this bit determines the logic output of the GPIO.
Read only
If Pin 9 is configured as the THERM timer input for THERM monitoring, then this bit is set when the THERM assertion
time exceeds the limit programmed in the THERM limit register (0x7A).
<6>
D1
Read only
D1 = 1 indicates either an open or short circuit on the Thermal Diode 1 inputs.
<7>
D2
Read only
D2 = 1 indicates either an open or short circuit on the Thermal Diode 2 inputs.
Table 29. Voltage Limit Registers1
Register Address
R/W
Description2
Power-On Default
0x46
Read/write
VCCP low limit.
0x00
0x47
Read/write
VCCP high limit.
0xFF
0x48
Read/write
VCC low limit.
0x00
0x49
Read/write
VCC high limit.
0xFF
1 Setting the Configuration Register 1 LOCK bit has no effect on these registers.
2 High limit: An interrupt is generated when a value exceeds its high limit (>comparison). Low limit: An interrupt is generated when a value is equal to or below its low
limit (≤comparison).
Table 30. Temperature Limit Registers1
Register Address
R/W
Description2
Power-On Default
0x4E
Read/write
Remote 1 temperature low limit.
0x01
0x4F
Read/write
Remote 1 temperature high limit.
0x7F
0x50
Read/write
Local temperature low limit.
0x01
0x51
Read/write
Local temperature high limit.
0x7F
0x52
Read/write
Remote 2 temperature low limit.
0x01
0x53
Read/write
Remote 2 temperature high limit.
0x7F
1 Exceeding any temperature limit by 1°C sets the appropriate status bit in the interrupt status register. Setting the Configuration Register 1 LOCK bit has no effect on
these registers.
2 High limit: An interrupt is generated when a value exceeds its high limit (>comparison). Low limit: An interrupt is generated when a value is equal to or below its low
limit (≤comparison).
Table 31. Fan Tachometer Limit Registers1
Register Address
R/W
Description
Power-On Default
0x54
Read/write
TACH1 minimum low byte.
0xFF
0x55
Read/write
TACH1 minimum high byte/single-channel ADC
channel select.
0xFF
0x56
Read/write
TACH2 minimum low byte.
0xFF
0x57
Read/write
TACH2 minimum high byte.
0xFF
0x58
Read/write
TACH3 minimum low byte.
0xFF
0x59
Read/write
TACH3 minimum high byte.
0xFF
0x5A
Read/write
TACH4 minimum low byte.
0xFF
0x5B
Read/write
TACH4 minimum high byte.
0xFF
1 Exceeding any TACH limit register by 1 indicates that the fan is running too slowly or has stalled. The appropriate status bit is set in Interrupt Status Register 2 to
indicate the fan failure. Setting the Configuration Register 1 LOCK bit has no effect on these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com