Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 53 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 53 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
ADT7467
Rev. 3 | Page 53 of 77 | www.onsemi.com
TMIN
THERM
LIMIT
OPERATING
POINT
HIGH TEMP
LIMIT
LOW TEMP
LIMIT
HYSTERESIS
DECREASE HERE DUE TO
SHORT CYCLE ONLY
T1(n) – T1 (n – 1) = 0.5°C
OR 0.75°C = > TMIN
DECREASES BY 1°C
EVERY SHORT CYCLE
DECREASE HERE DUE TO
LONG CYCLE ONLY
T1(n) – T1 (n – 1) ≤ 0.25°C
AND T1(n) > OP = > TMIN
DECREASES BY 1°C
EVERY LONG CYCLE
NO CHANGE IN TMIN HERE
DUE TO ANY CYCLE, BECAUSE
T1(n) – T1 (n – 1) ≤ 0.25°C
AND T1(n) < OP = > TMIN
STAYS THE SAME
ACTUAL
TEMP
Figure 73. Effect of Exceeding Operating Point Minus Hysteresis Temperature
Figure 74 shows how TMIN increases when the current tempera-
ture is above TMIN but below the low temperature limit, and how
TMIN is below the high temperature limit and below the
operating point. Once the temperature rises above the low
temperature limit, TMIN remains fixed.
TMIN
OPERATING
POINT
HIGH TEMP
LIMIT
LOW TEMP
LIMIT
ACTUAL
TEMP
HYSTERESIS
THERM
LIMIT
Figure 74. Increasing TMIN for Quiet Operation
Preventing TMIN from Reaching Full Scale
TMIN is dynamically adjusted; therefore, it is undesirable for TMIN
to reach full scale (127°C), because the fan would never switch on.
As a result, TMIN is allowed to vary only within a specified range.
•
The lowest possible value for TMIN is –127°C (twos
complement mode) or −64°C (Offset 64 mode).
•
TMIN cannot exceed the high temperature limit.
•
If the temperature is below TMIN, the fan switches off or
runs at minimum speed and dynamic TMIN control is
disabled.
TMIN PREVENTED
FROM INCREASING
TMIN
OPERATING
POINT
HIGH TEMP
LIMIT
LOW TEMP
LIMIT
ACTUAL
TEMP
HYSTERESIS
THERM
LIMIT
Figure 75. TMIN Adjustments Limited by the High Temperature Limit
STEP 11: MONITORING THERM
Using the operating point limit ensures that the dynamic TMIN
control mode operates in the best possible acoustic position and
that the temperature never exceeds the maximum operating
temperature. Using the operating point limit allows TMIN to be
independent of system-level issues because of its self-corrective
nature. In PC design, the operating point for the chassis is usually
the worst-case internal chassis temperature.
The optimal operating point for the processor is determined by
monitoring the thermal monitor in the Intel Pentium 4 processor.
To do this, the PROCHOT output of the Pentium 4 is con-
nected to the THERM input of the ADT7467.
The operating point for the processor can be determined by
allowing the current temperature to be copied to the operating
point register when the PROCHOT output pulls the THERM
input low on the ADT7467. This reveals the maximum
temperature at which the Pentium 4 can run before clock
modulation occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com