Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 73 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 73 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 75Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 76Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 77Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 73 / 77 page
background image
ADT7467
Rev. 3 | Page 73 of 77 | www.onsemi.com
Table 51. Register 0x74—Interrupt Mask 1 Register (Power-On Default = 0x00)
Bit
Name
R/W
Description
<1>
VCCP
Read/write
VCCP = 1 masks SMBALERT for out-of-limit conditions on the VCCP channel.
<2>
VCC
Read/write
VCC = 1 masks SMBALERT for out-of-limit conditions on the VCC channel.
<4>
R1T
Read/write
R1T = 1 masks SMBALERT for out-of-limit conditions on the Remote 1 temperature channel.
<5>
LT
Read/write
LT = 1 masks SMBALERT for out-of-limit conditions on the local temperature channel.
<6>
R2T
Read/write
R2T = 1 masks SMBALERT for out-of-limit conditions on the Remote 2 temperature channel.
<7>
OOL
Read/write
OOL = 1 masks SMBALERT for any out-of-limit condition in Interrupt Status Register 2.
Table 52. Register 0x75—Interrupt Mask 2 Register (Power-On Default = 0x00)
Bit
Name
R/W
Description
<1>
OVT
Read/write
OVT = 1 masks SMBALERT for overtemperature THERM conditions.
<2>
FAN1
Read/write
FAN1 = 1 masks SMBALERT for a Fan 1 fault.
<3>
FAN2
Read/write
FAN2 = 1 masks SMBALERT for a Fan 2 fault.
<4>
FAN3
Read/write
FAN3 = 1 masks SMBALERT for a Fan 3 fault.
<5>
F4P
Read/write
F4P = 1 masks SMBALERT for a Fan 4 fault. If the TACH4 pin is used as the THERM input, this bit masks SMBALERT
for a THERM timer event.
<6>
D1
Read/write
D1 = 1 masks SMBALERT for a diode open or short on a Remote 1 channel.
<7>
D2
Read/write
D2 = 1 masks SMBALERT for a diode open or short on a Remote 2 channel.
Table 53. Register 0x76—Extended Resolution Register 1 (Power-On Default = 0x00)1
Bit
Name
R/W
Description
<3:2>
VCCP
R/W
VCCP LSBs. Holds the 2 LSBs of the 10-bit VCCP measurement.
<5:4>
VCC
R/W
VCC LSBs. Holds the 2 LSBs of the 10-bit VCC measurement.
1 If this register is read, this register and the registers holding the MSB of each reading are frozen until read.
Table 54. Register 0x77—Extended Resolution Register 2 (Power-On Default = 0x00)1
Bit
Name
R/W
Description
<3:2>
TDM1
R/W
Remote 1 temperature LSBs. Holds the 2 LSBs of the 10-bit Remote 1 temperature measurement.
<5:4>
LTMP
R/W
Local temperature LSBs. Holds the 2 LSBs of the 10-bit local temperature measurement.
<7:6>
TDM2
R/W
Remote 2 temperature LSBs. Holds the 2 LSBs of the 10-bit Remote 2 temperature measurement.
1 If this register is read, this register and the registers holding the MSB of each reading are frozen until read.
Table 55. Register 0x78—Configuration Register 3 (Power-On Default = 0x00)
Bit
Name
R/W1
Description
<0>
ALERT
Enable
Read/write
ALERT = 1, Pin 5 (PWM2/SMBALERT) is configured as an SMBALERT interrupt output to indicate out-of-limit error
conditions.
<1>
THERM
Read/write
THERM Enable = 1 enables THERM timer monitoring functionality on Pin 9. Also determined by Bit 0 and Bit 1
(Pin 9 Func) of Configuration Register 4. When THERM is asserted, the fans run at full speed if the fans are
running and the boost bit is set. Alternatively, THERM can be programmed so that a timer is triggered to time
how long THERM has been asserted.
<2>
BOOST
Read/write
When THERM is an input and BOOST = 1, assertion of THERM causes all fans to run at the maximum
programmed duty cycle for fail-safe cooling.
<3>
FAST
Read/write
FAST = 1 enables fast TACH measurements on all channels. This increases the TACH measurement rate from
once per second to once every 250 ms (4 ×).
<4>
DC1
Read/write
DC1 = 1 enables TACH measurements to be continuously made on TACH1. Fans must be driven by dc. Setting
this bit prevents pulse stretching, because it is not required for dc-driven motors.
<5>
DC2
Read/write
DC2 = 1 enables TACH measurements to be continuously made on TACH2. Fans must be driven by dc. Setting
this bit prevents pulse stretching, because it is not required for dc-driven motors.
<6>
DC3
Read/write
DC3 = 1 enables TACH measurements to be continuously made on TACH3. Fans must be driven by dc. Setting
this bit prevents pulse stretching, because it is not required for dc-driven motors.
<7>
DC4
Read/write
DC4 = 1 enables TACH measurements to be continuously made on TACH4. Fans must be driven by dc. Setting
this bit prevents pulse stretching, because it is not required for dc-driven motors.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com