Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 61 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 61 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
ADT7467
Rev. 3 | Page 61 of 77 | www.onsemi.com
Address
R/W
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Lock-
able
temp/TMIN hysteresis
0x6E
R/W
Remote 2 temp/TMIN
hysteresis
HYSR2
HYSR2
HYSR2
HYRS
RES
RES
RES
RES
0x40
Yes
0x6F
R/W
XNOR tree test enable
RES
RES
RES
RES
RES
RES
RES
XEN
0x00
Yes
0x70
R/W
Remote 1 temperature
offset
7
6
5
4
3
2
1
0
0x00
Yes
0x71
R/W
Local temperature
offset
7
6
5
4
3
2
1
0
0x00
Yes
0x72
R/W
Remote 2 temperature
offset
7
6
5
4
3
2
1
0
0x00
Yes
0x73
R/W
Configuration Register 2
SHDN
CONV
ATTN
AVG
AIN4
AIN3
AIN2
AIN1
0x00
Yes
0x74
R/W
Interrupt Mask 1 register
OOL
R2T
LT
RIT
RES
VCC
VCCP
RES
0x00
0x75
R/W
Interrupt Mask 2 register
D2
D1
F4P
FAN3
FAN2
FAN1
OVT
RES
0x00
0x76
R/W
Extended Resolution 1
RES
RES
VCC
VCC
VCCP
VCCP
RES
RES
0x00
0x77
R/W
Extended Resolution 2
TDM2
TDM2
LTMP
LTMP
TDM1
TDM1
RES
RES
0x00
0x78
R/W
Configuration Register 3
DC4
DC3
DC2
DC1
FAST
BOOST
THERM
ALERT
Enable
0x00
Yes
0x79
R
THERM timer status
register
TMR
TMR
TMR
TMR
TMR
TMR
TMR
ASRT/TMR0
0x00
0x7A
R/W
THERM timer limit
register
LIMT
LIMT
LIMT
LIMT
LIMT
LIMT
LIMT
LIMT
0x00
0x7B
R/W
TACH pulses per
revolution
FAN4
FAN4
FAN3
FAN3
FAN2
FAN2
FAN1
FAN1
0x55
0x7C
R/W
Configuration Register 5
RES
RES
RES
RES
GPIOP
GPIOD
LF/HF
Twos
Compl
0x00
Yes
0x7D
R/W
Configuration Register 4
RES
RES
BpAtt
VCCP
RES
AINL
AINL
Pin 9
Func
Pin 9 Func
0x00
Yes
0x7E
R
Manufacturer’s Test
Register 1
Do not write to these registers
0x00
Yes
0x7F
R
Manufacturer’s Test
Register 2
Do not write to these registers
0x00
Yes
Table 18. Voltage Reading Registers (Power-On Default = 0x00)1
Register Address
R/W
Description
0x21
Read only
Reflects the voltage measurement2 at the VCCP input on Pin 14 (8 MSBs of reading).
0x22
Read only
Reflects the voltage measurement3 at the VCC input on Pin 3 (8 MSBs of reading).
1 If the extended resolution bits of these readings are also being read, the extended resolution registers (0x76, 0x77) must be read first. Once the extended resolution
registers have been read, the associated MSB reading registers are frozen until read. Both the extended resolution registers and the MSB registers are frozen.
2 If VCCPLO (Bit 1 of the Dynamic TMIN Control Register 1, 0x36) is set, VCCP can control the sleep state of the ADT7467.
3 VCC (Pin 3) is the supply voltage for the ADT7467.
Table 19. Temperature Reading Registers (Power-On Default = 0x01)1, 2
Register Address
R/W
Description
0x25
Read only
Remote 1 temperature reading3, 4 (8 MSBs of reading).
0x26
Read only
Local temperature reading (8 MSBs of reading).
0x27
Read only
Remote 2 temperature reading (8 MSBs of reading).
1 These temperature readings can be in twos complement or Offset 64 format; this interpretation is determined by Bit 0 of Configuration Register 5 (0x7C).
2 If the extended resolution bits of these readings are also being read, the extended resolution registers (0x76, 0x77) must be read first. Once the extended resolution
registers have been read, all associated MSB reading registers are frozen until read. Both the extended resolution registers and the MSB registers are frozen.
3 In twos complement mode, a temperature reading of −128°C (0x80) indicates a diode fault (open or short) on that channel.
4 In Offset 64 mode, a temperature reading of −64°C (0x00) indicates a diode fault (open or short) on that channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com