Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 14 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 77 page
background image
ADT7467
Rev. 3 | Page 14 of 77 | www.onsemi.com
Alert Response Address
Alert response address (ARA) is a feature of SMBus devices that
allows an interrupting device to identify itself to the host when
multiple devices exist on the same bus.
The SMBALERT output can be used as either an interrupt
output or an SMBALERT. One or more outputs can be
connected to a common SMBALERT line connected to the
master. If a device’s SMBALERT line goes low, the following
procedure occurs:
1.
SMBALERT is pulled low.
2.
The master initiates a read operation and sends the alert
response address (ARA = 0001 100). This is a general call
address that must not be used as a specific device address.
3.
The device whose SMBALERT output is low responds to
the alert response address, and the master reads its device
address. The address of the device is now known and can
be interrogated in the usual way.
4.
If more than one device’s SMBALERT output is low, the
one with the lowest device address has priority in accor-
dance with normal SMBus arbitration.
5.
Once the ADT7467 has responded to the alert response
address, the master must read the status registers. The
SMBALERT is cleared only if the error condition is absent.
SMBus TIMEOUT
The ADT7467 includes an SMBus timeout feature. If there is no
SMBus activity for 35 ms, the ADT7467 assumes that the bus is
locked and releases the bus. This prevents the device from
locking or holding the SMBus in anticipation of receiving data.
Some SMBus controllers cannot handle the SMBus timeout
feature, so it can be disabled.
Configuration Register 1 (0x40)
<6> TODIS = 0, SMBus timeout enabled (default)
<6> TODIS = 1, SMBus timeout disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com