Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 40 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 40 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
ADT7467
Rev. 3 | Page 40 of 77 | www.onsemi.com
STEP 2: CONFIGURING THE MUX
After the system hardware configuration is determined, the fans
can be assigned to particular temperature channels. Not only
can fans be assigned to individual channels, but the behavior
of the fans is also configurable. For example, fans can run using
automatic fan control, can run manually (using software control),
or can run at the fastest speed calculated by multiple tempera-
ture channels. The mux is the bridge between temperature
measurement channels and the three PWM outputs.
Bits <7:5> (BHVR) of Register 0x5C, Register 0x5D, and
Register 0x5E (PWM configuration registers) control the
behavior of the fans connected to the PWM1, PWM2, and
PWM3 outputs. The values selected for these bits determine
how the mux connects a temperature measurement channel to a
PWM output.
Automatic Fan Control Mux Options
<7:5> (BHVR), Register 0x5C, Register 0x5D, and Register 0x5E
000 = Remote 1 temperature controls PWMx
001 = local temperature controls PWMx
010 = Remote 2 temperature controls PWMx
101 = fastest speed calculated by local and Remote 2
temperature controls PWMx
110 = fastest speed calculated by all three temperature
channels controls PWMx
The fastest speed calculated option pertains to controlling one
PWM output based on multiple temperature channels. The
thermal characteristics of the three temperature zones can be
set to drive a single fan. An example would be the fan turning
on when the Remote 1 temperature exceeds 60°C or when the
local temperature exceeds 45°C.
Other Mux Options
<7:5> (BHVR), Register 0x5C, Register 0x5D, and Register 0x5E
011 = PWMx runs at full speed
100 = PWMx disabled (default)
111 = manual mode. PWMx is run using software control.
In this mode, PWM duty cycle registers (Register 0x30 to
Register 0x32) are writable and control the PWM outputs.
MUX
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
REMOTE 1 =
AMBIENT TEMP
LOCAL =
VRM TEMP
REMOTE 2 =
CPU TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
TACHOMETER 1
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 2
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
100%
Figure 55. Assigning Temperature Channels to Fan Channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com