Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 32 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
ADT7467
Rev. 3 | Page 32 of 77 | www.onsemi.com
Bit 5 (FSPDIS), the functionality of this bit can be changed (see
the Disabling Fan Start-Up Timeout section).
PWM1 Configuration Register (0x5C)
<2:0> SPIN, start-up timeout for PWM1
000 = no start-up timeout
001 = 100 ms
010 = 250 ms default
011 = 400 ms
100 = 667 ms
101 = 1 sec
110 = 2 sec
111 = 4 sec
PWM2 Configuration Register (0x5D)
<2:0> SPIN, start-up timeout for PWM2
000 = no start-up timeout
001 = 100 ms
010 = 250 ms default
011 = 400 ms
100 = 667 ms
101 = 1 sec
110 = 2 sec
111 = 4 sec
PWM3 Configuration Register (0x5E)
<2:0> SPIN, start-up timeout for PWM3
000 = no start-up timeout
001 = 100 ms
010 = 250 ms default
011 = 400 ms
100 = 667 ms
101 = 1 sec
110 = 2 sec
111 = 4 sec
Disabling Fan Start-Up Timeout
Although a fan startup makes fan spin-ups more quiet than
fixed-time spin-ups, users can use fixed spin-up times. Setting
Bit 5 (FSPDIS) to 1 in Configuration Register 1 (0x40) disables
the spin-up for two TACH pulses, and the fan spins up for the
fixed time selected in Register 0x5C to Register 0x5E.
PWM LOGIC STATE
The PWM outputs can be programmed high for 100% duty
cycle (noninverted) or programmed low for 100% duty cycle
(inverted).
PWM1 Configuration Register (0x5C)
<4> INV
0 = logic high for 100% PWM duty cycle
1 = logic low for 100% PWM duty cycle
PWM2 Configuration Register (0x5D)
<4> INV
0 = logic high for 100% PWM duty cycle
1 = logic low for 100% PWM duty cycle
PWM3 Configuration Register (0x5E)
<4> INV
0 = logic high for 100% PWM duty cycle
1 = logic low for 100% PWM duty cycle
Low Frequency Mode PWM Drive Frequency
The PWM drive frequency can be adjusted for the application.
Register 0x5F to Register 0x61 configure the PWM frequency
for PWM1 to PWM3, respectively. In high frequency mode, the
PWM drive frequency is 22.5 kHz and cannot be changed.
PWM1 Frequency Registers (0x5F to 0x61)
<2:0> FREQ
000 = 11.0 Hz
001 = 14.7 Hz
010 = 22.1 Hz
011 = 29.4 Hz
100 = 35.3 Hz default
101 = 44.1 Hz
110 = 58.8 Hz
111 = 88.2 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com