Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 36 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 77 page
background image
ADT7467
Rev. 3 | Page 36 of 77 | www.onsemi.com
DYNAMIC TMIN CONTROL MODE
In addition to the automatic fan speed control mode, the
ADT7467 has a mode that extends the basic automatic fan
speed control loop. Dynamic TMIN control allows the ADT7467
to intelligently adapt the system’s cooling solution to optimize
system performance or system acoustics, depending on user or
design requirements. Use of dynamic TMIN control alleviates the
need to design for worst-case conditions, and it significantly
reduces the time required for system design and validation.
Designing for Worst-Case Conditions
System design must always allow for worst-case conditions. In
PC design, the worst-case conditions include, but are not
limited to, the following:
•
Worst-Case Altitude
A computer can be operated at different altitudes. The
altitude affects the relative air density, which alters the
effectiveness of the fan cooling solution. For example,
comparing 40°C air temperature at 10,000 ft. to 20°C air
temperature at sea level, relative air density is increased by
40%. This means that at a given temperature, the fan can
spin 40% slower and make less noise at sea level than it can
at 10,000 ft.
•
Worst-Case Fan
Due to manufacturing tolerances, fan speeds in RPM are
normally quoted with a tolerance of ±20%. The designer
should assume that the fan RPM is 20% below tolerance.
This translates to reduced system airflow and elevated
system temperature. Note that a difference of 20% in the
fans’ tolerance can negatively impact system acoustics
because the fans run faster and generate more noise.
•
Worst-Case Chassis Airflow
The same motherboard can be used in a number of
different chassis configurations. The design of the chassis
and the physical location of fans and components
determine the system thermal characteristics. Moreover,
for a given chassis, the addition of add-in cards, cables, and
other system configuration options can alter the system
airflow and reduce the effectiveness of the system cooling
solution. The cooling solution can also be inadvertently
altered by the end user. (For example, placing a computer
against a wall can block the air ducts and reduce system
airflow.)
FAN
I/O CARDS
POOR CPU
AIRFLOW
VENTS
POWER
SUPPLY
CPU
DRIVE
BAYS
GOOD VENTING =
GOOD AIR EXCHANGE
POOR VENTING =
POOR AIR EXCHANGE
VENTS
FAN
I/O CARDS
GOOD CPU AIRFLOW
FAN
VENTS
POWER
SUPPLY
CPU
DRIVE
BAYS
Figure 50. Chassis Airflow Issues
•
Worst-Case Processor Power Consumption
Designing for worst-case CPU power consumption can
result in a processor becoming overcooled, generating
excess system noise.
•
Worst-Case Peripheral Power Consumption
The tendency is to design to data sheet maximums for
peripheral components (again overcooling the system).
•
Worst-Case Assembly
Every system is unique because of manufacturing
variations. Heat sinks may be loose fitting or slightly
misaligned. Too much or too little thermal grease might be
used, or variations in application pressure for thermal
interface material could affect the efficiency of the thermal
solution. Accounting for manufacturing variations in every
system is difficult; therefore, the system must be designed
for worst-case conditions.
SUBSTRATE
HEAT
SINK
THERMAL
INTERFACE
MATERIAL
INTEGRATED
HEAT
SPREADER
EPOXY
THERMAL INTERFACE MATERIAL
PROCESSOR
TA
TJ
θCA
θSA
θTIMS
θCTIM
θTIMC
θJTIM
θCS
TC
TTIM
TS
TTIM
θJA
Figure 51. Thermal Model
Although a design usually accounts for such worst-case
conditions, the system is almost never operated at worst-case
conditions. An alternative to designing for the worst case is to
use the dynamic TMIN control function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com