Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 50 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 50 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
ADT7467
Rev. 3 | Page 50 of 77 | www.onsemi.com
Enhanced Acoustics Register 1 (0x62)
Bit 7 (MIN3) = 0, PWM3 is off (0% PWM duty cycle) when the
temperature is below TMIN − THYST.
Bit 7 (MIN3) = 1, PWM3 runs at PWM3 minimum duty cycle
below TMIN − THYST.
Bit 6 (MIN2) = 0, PWM2 is off (0% PWM duty cycle) when the
temperature is below TMIN − THYST.
Bit 6 (MIN2) = 1, PWM2 runs at PWM2 minimum duty cycle
below TMIN − THYST.
Bit 5 (MIN1) = 0, PWM1 is off (0% PWM duty cycle) when the
temperature is below TMIN − THYST.
Bit 5 (MIN1) = 1, PWM1 runs at PWM1 minimum duty cycle
below TMIN − THYST.
STEP 9: OPERATING POINTS FOR
TEMPERATURE CHANNELS
The operating point for each temperature channel is the
optimal temperature for that thermal zone. The hotter each
zone is allowed to be, the more quiet the system, because the
fans are not required to run as fast. The ADT7467 increases or
decreases fan speeds as necessary to maintain the operating
point temperature, allowing for system-to-system variations
and eliminating the need to design for the worst case. If a
sensible operating point value is chosen, any TMIN value can be
selected in the system characterization. If the TMIN value is too
low, the fans run sooner than required and the temperature is
below the operating point. In response, the ADT7467 increases
TMIN to keep the fans off longer and to allow the temperature
zone to approach the operating point. Likewise, too high a TMIN
value causes the operating point to be exceeded, and, in turn,
the ADT7467 reduces TMIN to turn the fans on sooner to cool
the system.
Programming Operating Point Registers
There are three operating point registers, one for each tempera-
ture channel. These 8-bit registers allow the operating point
temperatures to be programmed with 1°C resolution.
Operating Point Registers
Register 0x33, Remote 1 operating point = 0xA4 (100°C default)
Register 0x34, local temperature operating point = 0xA4 (100°C
default)
Register 0x35, Remote 2 operating point = 0xA4 (100°C default)
OPERATING
POINT
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
LOCAL =
VRM TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
REMOTE 1 =
AMBIENT TEMP
REMOTE 2 =
CPU TEMP
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
TACHOMETER 1
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 2
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
100%
Figure 69. Operating Point Value Dynamically Adjusts Automatic Fan Control Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com