Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 70 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 70 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 74Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 77 page
background image
ADT7467
Rev. 3 | Page 70 of 77 | www.onsemi.com
Table 38. Register 0x63—Enhanced Acoustics Register 2 (Power-On Default = 0x00)
Bit
Name
R/W1
Description
<2:0>
ACOU3
Read/write
These bits select the ramp rate applied to the PWM3 output. Instead of PWM3 jumping instantaneously to
its newly calculated speed, PWM3 ramps gracefully at the rate determined by these bits. This effect
enhances the acoustics of the fan being driven by the PWM3 output.
Time Slot Increase
Time for 33% to 100%
000 = 1
35 sec
001 = 2
17.6 sec
010 = 3
11.8 sec
011 = 5
7 sec
100 = 8
4.4 sec
101 = 12
3 sec
110 = 24
1.6 sec
111 = 48
0.8 sec
<3>
EN3
Read/write
When this bit is 1, acoustic enhancement is enabled on PWM3 output.
<6:4>
ACOU2
Read/write
These bits select the ramp rate applied to the PWM2 output. Instead of PWM2 jumping instantaneously to
its newly calculated speed, PWM2 ramps gracefully at the rate determined by these bits. This effect
enhances the acoustics of the fans being driven by the PWM2 output.
Time Slot Increase
Time for 33% to 100%
000 = 1
35 sec
001 = 2
17.6 sec
010 = 3
11.8 sec
011 = 5
7 sec
100 = 8
4.4 sec
101 = 12
3 sec
110 = 24
1.6 sec
111 = 48
0.8 sec
<7>
EN2
Read/write
When this bit is 1, acoustic enhancement is enabled on PWM2 output.
1 This register becomes a read-only register when the Configuration Register 1 lock bit is set to 1. Any subsequent attempts to write to this register fail.
Table 39. PWM Minimum Duty Cycle Registers
Register Address
R/W1
Description
Power-On Default
0x64
Read/write
PWM1 minimum duty cycle.
0x80 (50% duty cycle)
0x65
Read/write
PWM2 minimum duty cycle.
0x80 (50% duty cycle)
0x66
Read/write
PWM3 minimum duty cycle.
0x80 (50% duty cycle)
1 These registers become read-only registers when the ADT7467 is in automatic fan control mode.
Table 40. Register 0x64, Register 0x65, and Register 0x66—PWM1, PWM2, and PWM3 Minimum Duty Cycle Registers
Bit
R/W1
Description
<7:0>
Read/write
These bits define the PWMMIN duty cycle for PWMx.
0x00 = 0% duty cycle (fan off ).
0x40 = 25% duty cycle.
0x80 = 50% duty cycle.
0xFF = 100% duty cycle (fan full speed).
1 These registers becomes a read-only register when the Configuration Register 1 lock bit is set to 1. Any subsequent attempts to write to these registers fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com