Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 35 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 35 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
ADT7467
Rev. 3 | Page 35 of 77 | www.onsemi.com
AUTOMATIC FAN CONTROL OVERVIEW
The ADT7467 can automatically control the speed of fans based
on the measured temperature. This is done independently of
CPU intervention once initial parameters are set up.
The ADT7467 has a local temperature sensor and two remote
temperature channels that can be connected to a CPU on-chip
thermal diode (available on Intel Pentium class and other
CPUs). These three temperature channels can be used as the
basis for automatic fan speed control to drive fans using pulse-
width modulation (PWM).
Automatic fan speed control reduces acoustic noise by optimizing
fan speed according to accurately measured temperature.
Reducing fan speed can also decrease system current consump-
tion. The automatic fan speed control mode is very flexible due
to the number of programmable parameters, including TMIN and
TRANGE. The TMIN and TRANGE values for a temperature channel
and, therefore, for a given fan are critical because they define
the thermal characteristics of the system. Thermal validation of
the system is one of the most important steps in the design
process; therefore, these values should be selected carefully.
Figure 49 shows a top-level overview of the automatic fan
control circuitry on the ADT7467. From a systems-level
perspective, up to three system temperatures can be monitored
and used to control three PWM outputs. The three PWM
outputs can be used to control up to four fans. The ADT7467
allows the speed of four fans to be monitored. Each temperature
channel has a thermal calibration block, allowing the designer
to individually configure the thermal characteristics of each
temperature channel. For example, one can decide to run the
CPU fan when CPU temperature increases above 60°C and to
run a chassis fan when the local temperature increases above
45°C. At this stage, the designer has not assigned these thermal
calibration settings to a particular fan drive (PWM) channel.
The right side of Figure 49 shows controls that are fan-specific.
The designer can individually control parameters such as
minimum PWM duty cycle, fan speed failure thresholds, and
even ramp control of the PWM outputs. Therefore, automatic
fan control ultimately allows gracefully changing fan speed so
that it is less perceptible to the system user.
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
REMOTE 1
TEMP
LOCAL
TEMP
REMOTE 2
TEMP
TACHOMETER 1
MEASUREMENT
PWM
CONFIG
PWM
MIN
PWM1
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 2
MEASUREMENT
PWM
CONFIG
PWM
MIN
PWM2
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
MIN
PWM3
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
100%
TACH1
TACH2
TACH3
Figure 49. Automatic Fan Control Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com