Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 47 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 47 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 77 page
background image
ADT7467
Rev. 3 | Page 47 of 77 | www.onsemi.com
TEMPERATURE ABOVE TMIN
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
0
20406080
100
120
0
10
20
30
40
50
60
70
80
90
100
2°C
80°C
53.3°C
40°C
32°C
26.6°C
20°C
16°C
13.3°C
10°C
8°C
6.67°C
5°C
4°C
3.33°C
2.5°C
2°C
80°C
53.3°C
40°C
32°C
26.6°C
20°C
16°C
13.3°C
10°C
8°C
6.67°C
5°C
4°C
3.33°C
2.5°C
Figure 65. TRANGE and Percentage of Fan Speed Slopes with PWMMIN = 20%
Determining TRANGE for Each Temperature Channel
The following example shows how different TMIN and TRANGE
settings can be applied to three thermal zones. In this example,
the following TRANGE values apply:
TRANGE = 80°C for ambient temperature
TRANGE = 53.3°C for CPU temperature
TRANGE = 40°C for VRM temperature
This example uses the mux configuration described in the
Step 2: Configuring the Mux section, with the ADT7467
connected as shown in Figure 56. Both CPU temperature and
VRM temperature drive the CPU fan connected to PWM1.
Ambient temperature drives the front chassis fan and the rear
chassis fan connected to PWM2 and PWM3. The front chassis
fan is configured to run at PWMMIN = 20%; the rear chassis fan
is configured to run at PWMMIN = 30%. The CPU fan is
configured to run at PWMMIN = 10%.
4-Wire Fans
The control range for 4-wire fans is much wider than that of
2-wire or 3-wire fans. In many cases, 4-wire fans can start with
a PWM drive of as little as 20%.
TEMPERATURE ABOVE TMIN
0
10203040
100
50
60
70
80
90
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
0
10
20
30
40
50
60
70
80
90
100
0
10203040
100
50
60
70
80
90
Figure 66. TRANGE and Percentage of Fan Speed Slopes for VRM, Ambient, and
CPU Temperature Channels
STEP 7: T
THERM FOR TEMPERATURE CHANNELS
TTHERM is the absolute maximum temperature allowed on a
temperature channel. Above this temperature, a component
such as the CPU or VRM might be operating beyond its safe
operating limit. When the temperature measured exceeds
TTHERM, all fans are driven at 100% PWM duty cycle (full speed)
to provide critical system cooling.
The fans remain running at 100% until the temperature drops
below TTHERM minus hysteresis, where hysteresis is the number
programmed into the Hysteresis Registers 0x6D and 0x6E. The
default hysteresis value is 4°C.
The TTHERM limit should be considered the maximum worst-case
operating temperature of the system. Because exceeding any
TTHERM limit runs all fans at 100%, it has significant negative
acoustic effects. Ultimately, this limit should be set up as a fail-
safe, and users should ensure that it is not exceeded under
normal system operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com