Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
ADT7467
Rev. 3 | Page 10 of 77 | www.onsemi.com
Configuration Register 5
Bit 0: If Bit 0 is set to 1, the ADT7467, in terms of temperature,
is backward compatible with the ADT7460. Measurements,
including TMIN calibration circuit and fan control, work in the
range −127°C to +127°C. In addition, care should be taken in
reprogramming the temperature limits (TMIN, operating point,
THERM) to their desired twos complement value, because the
power-on default for them is at Offset 64. The extended
temperature range is −64°C to 191°C. The default is 1, which is
in the −64°C to +191°C temperature range.
Bit 1 = 0 is the high frequency (22.5 kHz) fan drive signal.
Bit 1 = 1 switches the fan drive to low frequency PWM,
programmable between 10 Hz and 100 Hz, the same as the
ADT7460. The default is 0, or HF PWM.
Bit 2 sets the direction for the GPIO: 0 = input, 1 = output.
Bit 3 sets the GPIO polarity: 0 = active low, 1 = active high.
Setting the Functionality of Pin 9
Pin 9 on the ADT7467 has four possible functions: SMBALERT,
THERM, GPIO, and TACH4. The user chooses the required
functionality by setting Bit 0 and Bit 1 of Configuration Register 4
at Address 0x7D.
Table 4. Pin 9 Settings
Bit 1
Bit 0
Function
0
0
TACH4
0
1
THERM
1
0
SMBALERT
1
1
GPIO
RECOMMENDED IMPLEMENTATION
Configuring the ADT7467 as in Figure 15 allows the system
designer to use the following features:
•
Two PWM outputs for fan control of up to three fans (the
front and rear chassis fans are connected in parallel).
•
Three TACH fan speed measurement inputs.
•
VCC measured internally through Pin 3.
•
CPU temperature measured using the Remote 1
temperature channel.
•
Ambient temperature measured through the Remote 2
temperature channel.
•
Bidirectional THERM pin. This feature allows Intel
Pentium 4 PROCHOT monitoring and can function as an
overtemperature THERM output. Alternatively, it can be
programmed as an SMBALERT system interrupt output.
CPU FAN
CPU
ICH
TACH2
PWM3
TACH3
D1+
D1–
GND
ADT7467
SCL
SDA
D2+
D2–
TACH1
PWM1
AMBIENT
TEMPERATURE
SMBALERT
THERM
PROCHOT
FRONT
CHASSIS
FAN
REAR
CHASSIS
FAN
Figure 15. ADT7467 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com