Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 69 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 69 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
ADT7467
Rev. 3 | Page 69 of 77 | www.onsemi.com
Table 37. Register 0x62—Enhanced Acoustics Register 1 (Power-On Default = 0x00)
Bit
Name
R/W1
Description
<2:0>
ACOU
Read/write
These bits select the ramp rate applied to the PWM1 output. Instead of PWM1 jumping instantaneously to
its newly calculated speed, PWM1 ramps gracefully at the rate determined by these bits. This feature
enhances the acoustics of the fan being driven by the PWM1 output.
Time Slot Increase
Time for 33% to 100%
000 = 1
35 sec
001 = 2
17.6 sec
010 = 3
11.8 sec
011 = 5
7 sec
100 = 8
4.4 sec
101 = 12
3 sec
110 = 24
1.6 sec
111 = 48
0.8 sec
<3>
EN1
Read/write
When this bit is 1, acoustic enhancement is enabled on PWM1 output.
<4>
SYNC
Read/write
SYNC = 1 synchronizes fan speed measurements on TACH2, TACH3, and TACH4 to PWM3. This allows up to
three fans to be driven from PWM3 output and their speeds to be measured.
SYNC = 0 synchronizes only TACH3 and TACH4 to PWM3 output.
<5>
MIN1
Read/write
When the ADT7467 is in automatic fan control mode, this bit defines whether PWM1 is off (0% duty cycle) or
at PWM1 minimum duty cycle when the controlling temperature is below its TMIN – hysteresis value.
0 = 0% duty cycle below TMIN – hysteresis.
1 = PWM1 minimum duty cycle below TMIN – hysteresis.
<6>
MIN2
Read/write
When the ADT7467 is in automatic fan speed control mode and the controlling temperature is below its
TMIN – hysteresis value, this bit defines whether PWM2 is off (0% duty cycle) or at PWM2 minimum duty cycle.
0 = 0% duty cycle below TMIN – hysteresis.
1 = PWM2 minimum duty cycle below TMIN – hysteresis.
<7>
MIN3
Read/write
When the ADT7467 is in automatic fan speed control mode, this bit defines whether PWM3 is off (0% duty
cycle) or at PWM3 minimum duty cycle when the controlling temperature is below its TMIN – hysteresis value.
0 = 0% duty cycle below TMIN – hysteresis.
1 = PWM3 minimum duty cycle below TMIN – hysteresis.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com