Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 46 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 46 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
ADT7467
Rev. 3 | Page 46 of 77 | www.onsemi.com
Example 4: Calculate TMAX, given that TMIN = 30°C, TRANGE = 40°C,
and PWMMIN = 50% duty cycle = 128 (decimal).
TMAX = TMIN + (Max DC − Min DC) × TRANGE /170
TMAX = 30°C + (100% − 50%) × 40°C/170
TMAX = 30°C + (255 − 128) × 40°C/170
TMAX = 60°C (Effective TRANGE = 30°C)
Selecting a TRANGE Slope
The TRANGE value can be selected for each temperature channel:
Remote 1, local, and Remote 2 temperature. Bits <7:4> (TRANGE)
of Register 0x5F to Register 0x61 define the TRANGE value for
each temperature channel.
Table 15. Selecting a TRANGE Value
Bits <7:4>1
TRANGE (°C)
0000
2
0001
2.5
0010
3.33
0011
4
0100
5
0101
6.67
0110
8
0111
10
1000
13.33
1001
16
1010
20
1011
26.67
1100
32 (default)
1101
40
1110
53.33
1111
80
1 Register 0x5F configures Remote 1 TRANGE.
Register 0x60 configures local TRANGE.
Register 0x61 configures Remote 2 TRANGE.
Summary of TRANGE Function
When using the automatic fan control function, the
temperature at which the fan reaches full speed can be
calculated by
TMAX = TMIN + TRANGE
(1)
Equation 1 holds true only when PWMMIN is equal to 33%
PWM duty cycle.
Increasing or decreasing PWMMIN changes the effective TRANGE,
but the fan control still follows the same PWM duty cycle to
temperature slope. The effective TRANGE for a PWMMIN value can
be calculated using Equation 2:
TMAX = TMIN + (Max DC − Min DC) × TRANGE/170
(2)
where:
(Max DC − Min DC) × TRANGE/170 is the effective TRANGE value.
See the Fan Speed and PWM Duty Cycle section.
Figure 64 shows PWM duty cycle vs. temperature for each
TRANGE setting. The lower graph shows how each TRANGE setting
affects fan speed vs. temperature. As can be seen from the
graph, the effect on fan speed is nonlinear.
TEMPERATURE ABOVE TMIN
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
TEMPERATURE ABOVE TMIN
0
20406080
100
120
0
10
20
30
40
50
60
70
80
90
100
2°C
80°C
53.3°C
40°C
32°C
26.6°C
20°C
16°C
13.3°C
10°C
8°C
6.67°C
5°C
4°C
3.33°C
2.5°C
2°C
80°C
53.3°C
40°C
32°C
26.6°C
20°C
16°C
13.3°C
10°C
8°C
6.67°C
5°C
4°C
3.33°C
2.5°C
Figure 64. TRANGE vs. Fan Speed Profile
The graphs in Figure 64 assume that the fan starts from 0% PWM
duty cycle. The minimum PWM duty cycle, PWMMIN, must be
factored in to determine how the loop performs in the system.
Figure 65 shows how TRANGE is affected when the PWMMIN value
is set to 20%. It can be seen that the fan runs at about 45% fan
speed when the temperature exceeds TMIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com