Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 74 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 74 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 75Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 76Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 77Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
ADT7467
Rev. 3 | Page 74 of 77 | www.onsemi.com
Table 56. Register 0x79—THERM Timer Status Register (Power-On Default = 0x00)
Bit
Name
R/W
Description
<7:1>
TMR
Read only
Times how long THERM input is asserted. These seven bits read 0 until the THERM assertion time exceeds 45.52 ms.
<0>
ASRT/TMR0
Read only
This bit is set high upon the assertion of the THERM input and is cleared upon a read. If the THERM assertion time
exceeds 45.52 ms, this bit is set and becomes the LSB of the 8-bit TMR reading. This allows THERM assertion times
from 45.52 ms to 5.82 sec to be reported back with a resolution of 22.76 ms.
Table 57. Register 0x7A—THERM Timer Limit Register (Power-On Default = 0x00)
Bit
Name
R/W
Description
<7:0>
LIMT
Read/write
Sets the maximum THERM assertion length before an interrupt is generated. This is an 8-bit limit with a
resolution of 22.76 ms, allowing THERM assertion limits of 45.52 ms to 5.82 sec to be programmed. If the THERM
assertion time exceeds this limit, Bit 5 (F4P) of Interrupt Status Register 2 (0x42) is set. If the limit value is 0x00, an
interrupt is generated immediately upon the assertion of the THERM input.
Table 58. Register 0x7B—TACH Pulses per Revolution Register (Power-On Default = 0x55)
Bit
Name
R/W
Description
<1:0>
FAN1
Read/write
Sets the number of pulses to be counted when measuring Fan 1 speed. Can be used to determine fan pulses per
revolution for an unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
<3:2>
FAN2
Read/write
Sets the number of pulses to be counted when measuring Fan 2 speed. Can be used to determine fan pulses per
revolution for an unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
<5:4>
FAN3
Read/write
Sets the number of pulses to be counted when measuring Fan 3 speed. Can be used to determine fan pulses per
revolution for an unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
<7:6>
FAN4
Read/write
Sets the number of pulses to be counted when measuring Fan 4 speed. Can be used to determine fan pulses per
revolution for an unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
Table 59. Register 0x7C—Configuration Register 5 (Power-On Default = 0x00)
Bit
Name
R/W1
Description
<0>
Twos Compl
Read/write
Twos Compl = 1 sets the temperature range to twos complement temperature range.
Twos Compl = 0 changes the temperature range to Offset 64. When this bit is changed, the ADT7467 interprets all
relevant temperature register values as defined by this bit.
<1>
LF/HF
Read/write
Sets the PWM drive frequency to high frequency mode (0) or low frequency mode (1).
<2>
GPIOD
Read/write
GPIO direction. When GPIO function is enabled, this determines whether the GPIO is an input (0) or an output (1).
<3>
GPIOP
Read/write
GPIO polarity. When the GPIO function is enabled and programmed as an output, this bit determines whether the
GPIO is active low (0) or high (1).
<4:7>
RES
Read/write
Unused.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com