Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 24 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
ADT7467
Rev. 3 | Page 24 of 77 | www.onsemi.com
THERM
TMIN
THERM ASSERTED TO LOW AS AN INPUT:
FANS DO NOT GO TO 100% BECAUSE
TEMPERATURE IS BELOW TMIN
THERM ASSERTED TO LOW AS AN INPUT:
FANS DO NOT GO TO 100% BECAUSE
TEMPERATURE IS ABOVE TMIN AND FANS
ARE ALREADY RUNNING
Figure 30. Asserting THERM Low as an Input
in Automatic Fan Speed Control Mode
THERM Timer
The ADT7467 has an internal timer to measure THERM
assertion time. For example, the THERM input can be
connected to the PROCHOT output of a Pentium 4 CPU to
measure system performance. The THERM input can also be
connected to the output of a trip point temperature sensor.
The timer is started on the assertion of the THERM input and
stopped when THERM is deasserted. The timer counts THERM
times cumulatively, that is, the timer resumes counting on the
next THERM assertion. The THERM timer continues to
accumulate THERM assertion times until the timer is read (it is
cleared upon a read) or until it reaches full scale. If the counter
reaches full scale, it stops at that reading until cleared.
The 8-bit THERM timer register (0x79) is designed such that
Bit 0 is set to 1 upon the first THERM assertion. Once the
cumulative THERM assertion time exceeds 45.52 ms, Bit 1 of
the THERM timer is set and Bit 0 becomes the LSB of the timer
with a resolution of 22.76 ms (see Figure 31).
It is important to be aware of the following when using the
THERM timer.
After a THERM timer is read (Register 0x79), the following
occurs:
•
The contents of the timer are cleared upon a read.
•
The F4P bit (Bit 5) of Interrupt Status Register 2 must be
cleared, assuming that the THERM timer limit has been
exceeded.
If the THERM timer is read during a THERM assertion, the
following occurs:
•
The contents of the timer are cleared.
•
Bit 0 of the THERM timer is set to 1 because a THERM
assertion is occurring.
•
The THERM timer increments from 0.
•
If the THERM timer limit (Register 0x7A) is 0x00, the F4P
bit is set.
THERM
THERM
TIMER
(REG. 0x79)
THERM ASSERTED
≤
22.76ms
7 6 5
321 0
4
0 0 0
000 1
0
THERM
TIMER
(REG. 0x79)
THERM ASSERTED
≥
45.52ms
7 6 5
321 0
4
0 0 0
001 0
0
THERM
TIMER
(REG. 0x79)
THERM ASSERTED ≥ 113.8ms
(91.04ms + 22.76ms)
7 6 5
321 0
4
0 0 0
010 1
0
THERM
ACCUMULATE THERM LOW
ASSERTION TIMES
THERM
ACCUMULATE THERM LOW
ASSERTION TIMES
Figure 31.Understanding the THERM Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com