Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 33 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 77 page
background image
ADT7467
Rev. 3 | Page 33 of 77 | www.onsemi.com
FAN SPEED CONTROL
The ADT7467 controls fan speed using two modes: automatic
and manual.
In automatic fan speed control mode, fan speed is varied with
temperature without CPU intervention once initial parameters
are set up. The advantage of this is that if the system hangs, it is
guaranteed that the system is protected from overheating. The
automatic fan speed control incorporates a feature called
dynamic TMIN calibration. This feature reduces the design effort
required to program the automatic fan speed control loop. For
information on programming the automatic fan speed control
loop and the dynamic TMIN calibration, see the Automatic Fan
Control Overview section.
In manual fan speed control mode, the ADT7467 allows the
duty cycle of any PWM output to be manually adjusted. This
can be useful if the user wants to change fan speed in software
or adjust PWM duty cycle output for test purposes. Bits <7:5>
of Register 0x5C to Register 0x5E (PWM Configuration)
control the behavior of each PWM output.
PWM Configuration Register (0x5C to 0x5E)
<7:5> BHVR
111 = manual mode
In manual fan speed control mode, each PWM output can
be manually updated by writing to Register 0x30 through
Register 0x32 (PWMx current duty cycle registers).
Programming the PWM Current Duty Cycle Registers
The PWM current duty cycle registers are 8-bit registers that
allow the PWM duty cycle for each output to be set anywhere
from 0% to 100% in steps of 0.39%.
The value to be programmed into the PWMMIN register is given by
Value (decimal) = PWMMIN/0.39
Example 1: For a PWM duty cycle of 50%,
Value (decimal) = 50/0.39 = 128 (decimal)
Value = 128 (decimal) or 0x80 (hexadecimal)
Example 2: For a PWM duty cycle of 33%,
Value (decimal) = 33/0.39 = 85 (decimal)
Value = 85 (decimal) or 0x54 (hexadecimal)
PWM Current Duty Cycle Registers
Register 0x30 PWM1 current duty cycle = 0x00 (0% default)
Register 0x31 PWM2 current duty cycle = 0x00 (0% default)
Register 0x32 PWM3 current duty cycle = 0x00 (0% default)
By reading the PWMx current duty cycle registers, the user can
keep track of the current duty cycle on each PWM output even
when the fans are running in automatic fan speed control mode
or acoustic enhancement mode. See the Automatic Fan Control
Overview section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com