Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 38 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 38 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
ADT7467
Rev. 3 | Page 38 of 77 | www.onsemi.com
PROGRAMMING THE AUTOMATIC FAN SPEED CONTROL LOOP
To more efficiently understand the automatic fan speed control
loop, it is strongly recommended to use the ADT7467
evaluation board and software while reading this section.
This section provides the system designer with an understand-
ing of the automatic fan control loop and provides step-by-step
guidance on effectively evaluating and selecting critical system
parameters. To optimize the system characteristics, the designer
should consider several aspects of the system configuration,
including the number of fans, where fans are located, and what
temperatures are measured.
The mechanical or thermal engineer who is tasked with the
system thermal characterization should also be involved at the
beginning of the process.
STEP 1: HARDWARE CONFIGURATION
The motherboard sensing and control capabilities should be
addressed in the early stages of designing a system, and
decisions about how these capabilities are used should involve
the system’s thermal/mechanical engineer. Ask the following
questions:
1.
What ADT7467 functionality will be used?
• PWM2 or SMBALERT
• TACH4 fan speed measurement or overtemperature
THERM function
• 5 V voltage monitoring or overtemperature THERM
function
• 12 V voltage monitoring or VID5 input
The ADT7467 offers multifunctional pins that can be
reconfigured to suit different system requirements and
physical layouts. These multifunction pins are software
programmable.
2.
How many fans will be supported in the system, three or
four? This influences the choice of whether to use the
TACH4 pin or to reconfigure it for the THERM function.
3.
Will the CPU fan be controlled using the ADT7467, or will
it run at full speed 100% of the time?
Running it at 100% frees up a PWM output, but the system
is louder.
4.
Where will the ADT7467 be physically located in the
system?
This influences the assignment of the temperature measure-
ment channels to particular system thermal zones. For
example, locating the ADT7467 close to the VRM controller
circuitry allows the VRM temperature to be monitored
using the local temperature channel.
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
REMOTE 1 =
AMBIENT TEMP
LOCAL =
VRM TEMP
REMOTE 2 =
CPU TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
TACHOMETER 1
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 2
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
100%
Figure 53. Hardware Configuration Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com