Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 15 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
ADT7467
Rev. 3 | Page 15 of 77 | www.onsemi.com
ANALOG-TO-DIGITAL CONVERTER
All analog inputs are multiplexed into the on-chip, successive
approximation, analog-to-digital converter, which has a resolu-
tion of 10 bits. The basic input range is 0 V to 2.25 V, but the
input has built-in attenuators to allow measurement of VCCP
without any external components. To allow for the tolerance of
the supply voltage, the ADC produces an output of 3/4 full scale
(decimal 768 or 300 hexadecimal) for the nominal input voltage
and, therefore, has adequate headroom to deal with
overvoltages.
VOLTAGE MEASUREMENT INPUT
The ADT7467 has one external voltage measurement channel.
It can also measure its own supply voltage, VCC. Pin 14 can
measure VCCP. The VCC supply voltage measurement is carried
out through the VCC pin (Pin 3). Setting Bit 7 of Configuration
Register 1 (0x40) allows a 5 V supply to power the ADT7467
and be measured without overranging the VCC measurement
channel. The VCCP input can be used to monitor a chipset supply
voltage in computer systems.
Input Circuitry
The internal structure for the VCCP analog input is shown in
Figure 22. The input circuit consists of an input protection
diode, an attenuator, and a capacitor to form a first-order low-
pass filter that gives the input immunity to high frequency noise.
VCCP
17.5kΩ
52.5kΩ
35pF
Figure 22. Structure of Analog Inputs
Voltage Measurement Registers
Register 0x21 VCCP reading = 0x00 default
Register 0x22 VCC reading = 0x00 default
VCCP Limit Registers
Associated with the VCCP and VCC measurement channels is a
high and low limit register. Exceeding the programmed high or
low limit causes the appropriate status bit to be set. Exceeding
either limit can also generate SMBALERT interrupts.
Register 0x46 VCCP low limit = 0x00 default
Register 0x47 VCCP high limit = 0xFF default
Register 0x48 VCC low limit = 0x00 default
Register 0x49 VCC high limit = 0xFF default
Table 6
shows the input ranges of the analog inputs and output
codes of the 10-bit ADC.
When the ADC is running, it samples and converts a voltage
input in 0.7 ms and averages 16 conversions to reduce noise; a
measurement takes nominally 11 ms.
ADDITIONAL ADC FUNCTIONS
FOR VOLTAGE MEASUREMENTS
A number of other functions are available on the ADT7467 to
offer the system designer increased flexibility.
Turn-Off Averaging
For each voltage measurement read from a value register,
16 readings are made internally, the results of which are averaged
and then placed into the value register. For instances where faster
conversions are needed, setting Bit 4 of Configuration Register 2
(0x73) turns averaging off. This produces a reading that is 16
times faster (0.7 ms), but the reading may be noisier.
Bypass Voltage Input Attenuator
Setting Bit 5 of Configuration Register 2 (0x73) removes the
attenuation circuitry from the VCCP input. This allows the user
to directly connect external sensors or to rescale the analog
voltage measurement inputs for other applications. The input
range of the ADC without the attenuators is 0 V to 2.25 V.
Single-Channel ADC Conversion
Setting Bit 6 of Configuration Register 2 (0x73) places the
ADT7467 into single-channel ADC conversion mode. In this
mode, the ADT7467 can be made to read a single voltage
channel only. If the internal ADT7467 clock is used, the selected
input is read every 0.7 ms. The appropriate ADC channel is
selected by writing to Bits <7:5> of the TACH1 minimum high
byte register (0x55).
Table 5. Programming Single-Channel ADC Mode
Bits <7:5>, Register 0x55
Channel Selected
001
VCCP
010
VCC
101
Remote 1 temperature
110
Local temperature
111
Remote 2 temperature
Configuration Register 2 (0x73)
<4> = 1, averaging off
<5> = 1, bypass input attenuators
<6> = 1, single-channel conversion mode
TACH1 Minimum High Byte (0x55)
<7:5> selects ADC channel for single-channel convert mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com