Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 17 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
ADT7467
Rev. 3 | Page 17 of 77 | www.onsemi.com
Remote Temperature Measurement
The ADT7467 can measure the temperature of two remote
diode sensors or diode-connected transistors connected to
Pin 10 and Pin 11 or to Pin 12 and Pin 13.
The forward voltage of a diode or diode-connected transistor
operated at a constant current exhibits a negative temperature
coefficient of about −2 mV/°C. Unfortunately, the absolute
value of VBE varies from each device and thus requires
individual calibration; therefore, the technique is unsuitable for
mass production. The technique used in the ADT7467 is to
measure the change in VBE when the device is operated at three
currents. This is given by
ΔVBE = kT/q × ln(N)
where:
k is Boltzmann’s constant.
q is the charge on the carrier.
T is the absolute temperature in Kelvin.
N is the ratio of the two currents.
Figure 23 shows the input signal conditioning used to measure
the output of a remote temperature sensor. This figure shows
the external sensor as a substrate transistor provided for
temperature monitoring on some microprocessors. It could also
be a discrete transistor such as a 2N3904/2N3906.
N2 × I
IN1 × I IBIAS
D+
D–
LPF
VDD
VOUT+
VOUT–
fC = 65kHz
TO ADC
REMOTE
SENSING
TRANSISTOR
Figure 23. Signal Conditioning for Remote Diode Temperature Sensors
If a discrete transistor is used, the collector is not grounded and
should be linked to the base. If a PNP transistor is used, the base
is connected to the D− input and the emitter is connected to the
D+ input. If an NPN transistor is used, the emitter is connected
to the D− input and the base is connected to the D+ input.
Figure 25 and Figure 26 show how to connect the ADT7467 to
an NPN or PNP transistor for temperature measurement. To
prevent ground noise from interfering with the measurement,
the more negative terminal of the sensor is not referenced to
ground but is biased above ground by an internal diode at the
D− input.
To measure ΔVBE, the operating current through the sensor is
switched among three related currents. Shown in Figure 23,
N1 × I and N2 × I are different multiples of the current I. The
currents through the temperature diode are switched between
I and N1 × I, resulting in ΔVBE1; then they are switched between
I and N2 × I, resulting in ΔVBE2. The temperature can then be
calculated using the two ΔVBE measurements. This method can
also cancel the effect of series resistance on the temperature
measurement.
The resulting ΔVBE waveforms are passed through a 65 kHz
low-pass filter to remove noise and then sent to a chopper-
stabilized amplifier that amplifies and rectifies the waveform to
produce a dc voltage proportional to ΔVBE. The ADC digitizes
this voltage, and a temperature measurement is produced. To
reduce the effects of noise, digital filtering is performed by
averaging the results of 16 measurement cycles.
The results of remote temperature measurements are stored in
10-bit twos complement format, as listed in Table 7. The extra
resolution for the temperature measurements is held in the
Extended Resolution Register 2 (0x77). This produces tempera-
ture readings with a resolution of 0.25°C.
SERIES RESISTANCE CANCELLATION
Parasitic resistance to the ADT7467 D+ and D− inputs (seen in
series with the remote diode) is caused by a variety of factors,
including PCB track resistance and track length. This series
resistance appears as a temperature offset in the remote sensor’s
temperature measurement. This error typically causes a 0.5°C off-
set per 1 Ω of parasitic resistance in series with the remote diode.
The ADT7467 automatically cancels the effect of this series
resistance on the temperature reading, providing a more
accurate result without the need for user characterization of this
resistance. The ADT7467 is designed to automatically cancel,
typically up to 3 kΩ of resistance. By using an advanced
temperature measurement method, this is transparent to the
user. This feature allows resistances to be added to the sensor
path to produce a filter, allowing the part to be used in noisy
environments. See the Noise Filtering section for details.
Noise Filtering
For temperature sensors operating in noisy environments,
previous practice involved placing a capacitor across the D+
and D− pins to help combat the effects of noise. However, large
capacitances affect the accuracy of the temperature measurement,
leading to a recommended maximum capacitor value of 1000 pF.
A capacitor of this value reduces the noise but does not eliminate
it, making use of the sensor difficult in a very noisy environment.
The ADT7467 has a major advantage over other devices for
eliminating the effects of noise on the external sensor. Using the
series resistance cancellation feature, a filter can be constructed
between the external temperature sensor and the device. The
effect of filter resistance seen in series with the remote sensor is
automatically canceled from the temperature result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com