Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 7 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
ADT7467
Rev. 3 | Page 7 of 77 | www.onsemi.com
TYPICAL PERFORMANCE CHARACTERISTICS
CAPACITANCE (nF)
14.7
3.3
10
02.2
–60
0
–20
–50
–30
–10
–40
Figure 4. Temperature Error vs. Capacitance Between D+ and D−
CAPACITANCE (nF)
25
010
20
515
–100
0
–20
–50
–30
–60
–70
–80
–90
–10
–40
Figure 5. External Temperature Error vs. Capacitance Between D+ and D−
RESISTANCE (MΩ)
100
03.3
20
110
–80
60
20
–40
0
–60
40
–20
D+ TO GND
D+ TO VCC
Figure 6. Temperature Error vs. PCB Resistance
FREQUENCY (kHz)
1G
10k
100k
1M
10M
100M
–10
20
15
0
10
–5
5
100mV
40mV
60mV
Figure 7. Remote Temperature Error vs. Common-Mode Noise Frequency
FREQUENCY (kHz)
1G
10k
100k
1M
10M
100M
–4
6
4
–2
2
–3
0
5
–1
3
1
10mV
20mV
Figure 8. Remote Temperature Error vs. Differential Mode Noise Frequency
POWER SUPPLY VOLTAGE (V)
3.0
3.8
5.2
3.4
4.4
3.6
4.8
3.2
4.0
5.4
4.6
5.0
4.2
1.05
1.40
1.30
1.20
1.15
1.10
1.35
1.25
Figure 9. Normal IDD vs. Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com