Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 45 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 77 page
background image
ADT7467
Rev. 3 | Page 45 of 77 | www.onsemi.com
STEP 6: TRANGE FOR TEMPERATURE CHANNELS
TRANGE is the range of temperature over which automatic fan
control occurs once the programmed TMIN temperature has
been exceeded. TRANGE is a temperature slope, not an arbitrary
value, that is, a TRANGE of 40°C holds true only for PWMMIN =
33%. If PWMMIN is increased or decreased, the effective TRANGE
changes.
TEMPERATURE
TMIN
100%
PWMMIN
0%
TRANGE
Figure 61. TRANGE Parameter Affects Cooling Slope
The TRANGE or fan control slope is determined by the following
procedure:
1.
Determine the maximum operating temperature for that
channel (for example, 70°C).
2.
Through experimentation, determine the fan speed (PWM
duty cycle value) that does not exceed the temperature at
the worst-case operating points. (For example, 70°C is
reached when the fans are running at 50% PWM duty
cycle.)
3.
Determine the slope of the required control loop to meet
these requirements.
4.
The ADT7467 evaluation software can graphically
program and visualize this functionality. Ask your local
Analog Devices sales representative for details.
TMIN
100%
33%
0%
50%
30°C
40°C
Figure 62. Adjusting PWMMIN Affects TRANGE
TRANGE is implemented as a slope, which means that as PWMMIN
is changed, TRANGE changes, but the actual slope remains the
same. The higher the PWMMIN value, the smaller the effective
TRANGE, that is, the fan reaches full speed (100%) at a lower
temperature.
TMIN
100%
33%
0%
50%
30°C
40°C
25%
10%
45°C
54°C
Figure 63. Increasing PWMMIN Changes Effective TRANGE
For a given TRANGE value, the temperature at which the fan runs
at full speed, which varies with the PWMMIN value, can be easily
calculated.
TMAX = TMIN + (Max DC − Min DC) × TRANGE /170
where:
TMAX is the temperature at which the fan runs full speed.
TMIN is the temperature at which the fan turns on.
Max DC is the maximum duty cycle (100%) = 255 decimal.
Min DC is equal to PWMMIN.
TRANGE is the duty PWM duty cycle vs. temperature slope.
Example 1: Calculate T, given that TMIN = 30°C, TRANGE = 40°C,
and PWMMIN = 10% duty cycle = 26 (decimal).
TMAX = TMIN + (Max DC − Min DC) × TRANGE /170
TMAX = 30°C + (100% − 10%) × 40°C/170
TMAX = 30°C + (255 − 26) × 40°C/170
TMAX = 84°C (Effective TRANGE = 54°C)
Example 2: Calculate TMAX, given that TMIN = 30°C, TRANGE = 40°C,
and PWMMIN = 25% duty cycle = 64 (decimal).
TMAX = TMIN + (Max DC − Min DC) × TRANGE /170
TMAX = 30°C + (100% − 25%) × 40°C/170
TMAX = 30°C + (255 − 64) × 40°C/170
TMAX = 75°C (Effective TRANGE = 45°C)
Example 3: Calculate TMAX, given that TMIN = 30°C, TRANGE = 40°C,
and PWMMIN = 33% duty cycle = 85 (decimal).
TMAX = TMIN + (Max DC − Min DC) × TRANGE /170
TMAX = 30°C + (100% − 33%) × 40°C/170
TMAX = 30°C + (255 − 85) × 40°C/170
TMAX = 70°C (Effective TRANGE = 40°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com