Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
ADT7467
Rev. 3 | Page 13 of 77 | www.onsemi.com
WRITE OPERATIONS
The SMBus specification defines several protocols for different
types of read and write operations. The ones used in the
ADT7467 are discussed here. The following abbreviations are
used in Figure 19 through Figure 21:
S = start
P = stop
R = read
W = write
A = acknowledge
A = no acknowledge
The ADT7467 uses the following SMBus write protocols.
Send Byte
In this operation, the master device sends a single command
byte to a slave device as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master sends a command code.
5.
The slave asserts an acknowledge on SDA.
6.
The master asserts a stop condition on SDA, and the
transaction ends.
For the ADT7467, the send byte protocol is used to write a
register address to RAM for a subsequent single byte read from
the same address. This operation is illustrated in Figure 19.
SLAVE
ADDRESS
WA
SA P
REGISTER
ADDRESS
23
15 6
4
Figure 19. Setting a Register Address for Subsequent Read
If the master is required to read data from the register directly
after setting up the address, it can assert a repeat start condition
immediately after the final acknowledge and carry out a single
byte read without asserting an intermediate stop condition.
Write Byte
In this operation, the master device sends a command byte and
one data byte to the slave device as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master sends a command code.
5.
The slave asserts an acknowledge on SDA.
6.
The master sends a data byte.
7.
The slave asserts an acknowledge on SDA.
8.
The master asserts a stop condition on SDA to end the
transaction.
This operation is illustrated in Figure 20.
SLAVE
ADDRESS
SLAVE
ADDRESS
DATA
A
A
W
SA P
24
6
5
3
17 8
Figure 20. Single Byte Write to a Register
READ OPERATIONS
The ADT7467 uses the following SMBus read protocols.
Receive Byte
This operation is useful when repeatedly reading a single
register. The register address must have been set up previously.
In this operation, the master device receives a single byte from a
slave device as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
read bit (high).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master receives a data byte.
5.
The master asserts a no acknowledge on SDA.
6.
The master asserts a stop condition on SDA, and the
transaction ends.
In the ADT7467, the receive byte protocol is used to read a
single byte of data from a register whose address has previously
been set by a send byte or write byte operation. This operation
is illustrated in Figure 21.
SLAVE
ADDRESS
SR A
A P
DATA
2
13
5 6
4
Figure 21. Single Byte Read from a Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com