Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 29 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
ADT7467
Rev. 3 | Page 29 of 77 | www.onsemi.com
Note that when the voltage spikes (either negative going or
positive going) are more than 40 mV in amplitude, the fan
speed can be reliably determined.
ADT7467
PWMx
TACHx
5V OR
12V FAN
Q1
NDT3055L
3.3V
+V
10kΩ
TYPICAL
1N4148
0.01μF
RSENSE
2Ω
TYPICAL
Figure 39. Driving a 2-Wire Fan
Figure 40. Fan Speed Sensing Waveform at TACHx Pin
LAYING OUT 2-WIRE AND 3-WIRE FANS
Figure 41 shows how to lay out a common circuit arrangement
for 2-wire and 3-wire fans. Some components are not popu-
lated, depending on whether a 2-wire or 3-wire fan is used.
Q1
MMBT2222
R2
R1
R3
R4
R5
PWM
1N4148
3.3V OR 5V
12V OR 5V
C1
TACH
FOR 3-WIRE FANS:
POPULATE R1, R2, R3
R4 = 0Ω
C1 = UNPOPULATED
FOR 2-WIRE FANS:
POPULATE R4, C1
R1, R2, R3 UNPOPULATED
R4 = 2Ω
Figure 41. Planning for 2-Wire or 3-Wire Fans on a PCB
TACH Inputs
When configured as TACH inputs, Pin 4, Pin 6, Pin 7, and Pin 9
are open-drain TACH inputs intended for fan speed measurement.
Signal conditioning in the ADT7467 accommodates the slow
rise and fall times typical of fan tachometer outputs. The maxi-
mum input signal range is 0 V to 5 V, even when VCC is less than
5 V. In the event that these inputs are supplied from fan outputs
that exceed 0 V to 5 V, either resistive attenuation of the fan signal
or diode clamping must be included to keep inputs within an
acceptable range.
Figure 42 to Figure 45 show circuits for most common fan
TACH outputs. If the fan TACH output has a resistive pull-up
to VCC, it can be connected directly to the fan input, as shown in
Figure 42.
12V
VCC
PULL-UP
4.7kΩ
TYPICAL
TACH
OUTPUT
FAN SPEED
COUNTER
TACHx
ADT7467
Figure 42. Fan with TACH Pull-Up to VCC
If the fan output has a resistive pull-up to 12 V (or another
voltage that is greater than 5 V), the fan output can be clamped
with a Zener diode, as shown in Figure 43. The Zener diode
voltage should be chosen so that it is greater than the VIH of the
TACH input but less than 5 V, allowing for the voltage tolerance
of the Zener. A value between 3 V and 5 V is suitable.
12V
VCC
PULL-UP
4.7kΩ
TYPICAL
TACH
OUTPUT
FAN SPEED
COUNTER
TACHx
ADT7467
ZD1*
*CHOOSE ZD1 VOLTAGE APPROXIMATELY 0.8 × VCC.
Figure 43. Fan with TACH Pull-Up to a Voltage >5 V (For Example, 12 V),
Clamped with Zener Diode
If the fan has a strong pull-up (less than 1 kΩ) to 12 V or a
totem-pole output, a series resistor can be added to limit the
Zener current, as shown in Figure 44.
5V OR 12V
VCC
PULL-UP TYP
<1kΩ OR
TOTEM POLE
TACH
OUTPUT
FAN SPEED
COUNTER
TACHx
ADT7467
ZD1
ZENER*
FAN
*CHOOSE ZD1 VOLTAGE APPROXIMATELY 0.8 × VCC.
R1
10kΩ
Figure 44. Fan with Strong TACH Pull-Up to >VCC or Totem-Pole Output,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com