Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 28 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 77 page
background image
ADT7467
Rev. 3 | Page 28 of 77 | www.onsemi.com
ADT7467
PWM3
3.3V
3.3V
12V
Q1
MMBT3904
Q2
MMBT2222
Q3
MMBT2222
10Ω
10Ω
2.2kΩ
1kΩ
TACH3
TACH4
Figure 37. Interfacing Two Fans in Parallel to the PWM3 Output Using Low Cost NPN Transistors
ADT7467
PWM3
TACH3
TACH4
3.3V
3.3V
3.3V
+V
+V
TACH
TACH
Q1
NDT3055L
1N4148
5V OR
12V FAN
5V OR
12V FAN
10kΩ
TYPICAL
10kΩ
TYPICAL
10kΩ
TYPICAL
Figure 38. Interfacing Two Fans in Parallel to the PWM3 Output Using a Single N-Channel MOSFET
Because the MOSFET can handle up to 3.5 A, it is simply a
matter of connecting another fan directly in parallel with the
first. Care should be taken in designing drive circuits with
transistors and FETs to ensure that the PWM pins are not
required to source current and that they sink less than the
5 mA maximum current specified on the data sheet.
Driving up to Three Fans from PWM3
TACH measurements for fans are synchronized to particular
PWM channels; for example, TACH1 is synchronized to
PWM1. TACH3 and TACH4 are both synchronized to PWM3;
therefore, PWM3 can drive two fans. Alternatively, PWM3 can
be programmed to synchronize TACH2, TACH3, and TACH4
to the PWM3 output. This allows PWM3 to drive two or three
fans. In this case, the drive circuitry is as shown in Figure 37
and Figure 38. The SYNC bit in Register 0x62 enables this
function.
Synchronization is not required in high frequency mode when
used with 4-wire fans.
<4> (SYNC) Enhanced Acoustics Register 1 (0x62)
SYNC = 1 synchronizes TACH2, TACH3, and TACH4 to PWM3.
Driving 2-Wire Fans
The ADT7467 can only support 2-wire fans when low frequency
PWM mode is selected in Configuration Register 5, Bit 2. If this
bit is not set to 1, the ADT7467 cannot measure the speed of
2-wire fans.
Figure 39 shows how a 2-wire fan can be connected to the
ADT7467. This circuit allows the speed of a 2-wire fan to be
measured, even though the fan has no dedicated TACH signal.
A series resistor, RSENSE, in the fan circuit converts the fan
commutation pulses into a voltage, which is ac-coupled into the
ADT7467 through the 0.01 μF capacitor. On-chip signal
conditioning allows accurate monitoring of fan speed. The
value of RSENSE depends on the programmed input threshold and
the current drawn by the fan. For fans drawing approximately
200 mA, a 2 Ω RSENSE value is suitable when the threshold is
programmed as 40 mV.
For fans that draw more current, such as larger desktop or
server fans, RSENSE can be reduced for the same programmed
threshold. The smaller the threshold programmed, the better,
because more voltage is developed across the fan and the fan
spins faster. Figure 40 shows a typical plot of the sensing
waveform at the TACHx pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com