Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 54 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 54 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
ADT7467
Rev. 3 | Page 54 of 77 | www.onsemi.com
Enabling the THERM Trip Point as the Operating Point
Bits <4:2> of the dynamic TMIN control Register 1 (0x36)
enable/disable THERM monitoring to program the operating
point.
Dynamic TMIN Control Register 1 (0x36)
<2> PHTR1 = 1 copies the Remote 1 current temperature to the
Remote 1 operating point register if THERM is asserted. The
operating point contains the temperature at which THERM is
asserted. This allows the system to run as quietly as possible
without affecting system performance.
PHTR1 = 0 ignores THERM assertions. The Remote 1
operating point register reflects its programmed value.
<3> PHTL = 1 copies the local current temperature to the local
temperature operating point register if THERM is asserted. The
operating point contains the temperature at which THERM is
asserted. This allows the system to run as quietly as possible
without affecting system performance.
PHTL = 0 ignores THERM assertions. The local temperature
operating point register reflects its programmed value.
<4> PHTR2 = 1 copies the Remote 2 current temperature to the
Remote 2 operating point register if THERM is asserted. The
operating point contains the temperature at which THERM is
asserted. This allows the system to run as quietly as possible
without affecting system performance.
PHTR2 = 0 ignores THERM assertions. The Remote 2
operating point register reflects its programmed value.
Enabling Dynamic TMIN Control Mode
Bits <7:5> of the dynamic TMIN control Register 1 (0x36)
enable/disable dynamic TMIN control on the temperature
channels.
Dynamic TMIN Control Register 1 (0x36)
<5> R1T = 1 enables dynamic TMIN control on the Remote 1
temperature channel. The chosen TMIN value is dynamically
adjusted based on the current temperature, operating point, and
high and low limits for this zone.
R1T = 0 disables dynamic TMIN control. The TMIN value chosen
is not adjusted, and the channel behaves as described in the
Automatic Fan Control Overview section.
<6> LT = 1 enables dynamic TMIN control on the local
temperature channel. The chosen TMIN value is dynamically
adjusted based on the current temperature, operating point, and
high and low limits for this zone.
LT = 0 disables dynamic TMIN control. The TMIN value chosen
is not adjusted, and the channel behaves as described in the
Enhancing System Acoustics section.
<7> R2T = 1 enables the dynamic TMIN control on the Remote 2
temperature channel. The chosen TMIN value is dynamically
adjusted based on the current temperature, operating point, and
high and low limits for this zone.
R2T = 0 disables dynamic TMIN control. The TMIN value chosen
is not adjusted, and the channel behaves as described in the
Enhancing System Acoustics section.
STEP 12: RAMP RATE FOR ACOUSTIC
ENHANCEMENT
The optimal ramp rate for acoustic enhancement can be
determined through system characterization after completing
the thermal optimization. If possible, the effect of each ramp
rate should be logged to determine the best setting for a given
solution.
Enhanced Acoustics Register 1 (0x62)
<2:0> ACOU selects the ramp rate for PWM1.
000 = 1 time slot = 35 sec
001 = 2 time slots = 17.6 sec
010 = 3 time slots = 11.8 sec
011 = 5 time slots = 7 sec
100 = 8 time slots = 4.4 sec
101 = 12 time slots = 3 sec
110 = 24 time slots = 1.6 sec
111 = 48 time slots = 0.8 sec
Enhanced Acoustics Register 2 (0x63)
<2:0> ACOU3 selects the ramp rate for PWM3.
000 = 1 time slot = 35 sec
001 = 2 time slots = 17.6 sec
010 = 3 time slots = 11.8 sec
011 = 5 time slots = 7 sec
100 = 8 time slots = 4.4 sec
101 = 12 time slots = 3 sec
110 = 24 time slots = 1.6 sec
111 = 48 time slots = 0.8 sec
<6:4> ACOU2 selects the ramp rate for PWM2.
000 = 1 time slot = 35 sec
001 = 2 time slots = 17.6 sec
010 = 3 time slots = 11.8 sec
011 = 5 time slots = 7 sec
100 = 8 time slots = 4.4 sec
101 = 12 time slots = 3 sec
110 = 24 time slots = 1.6 sec
111 = 48 time slots = 0.8 sec
Another way to view the ramp rates is as the time it takes for
the PWM output to ramp up from 0% to 100% duty cycle for an
instantaneous change in temperature. This can be tested by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com