Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 49 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 49 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
ADT7467
Rev. 3 | Page 49 of 77 | www.onsemi.com
STEP 8: THYST FOR TEMPERATURE CHANNELS
THYST is the amount of extra cooling a fan provides after the
temperature measured drops below TMIN before the fan turns
off. The premise for temperature hysteresis (THYST) is that,
without it, the fan would merely chatter or cycle on and off
repeatedly whenever the temperature hovered near the TMIN
setting.
The THYST value determines the amount of time needed for the
system to cool down or heat up as the fan turns on and off.
Values of hysteresis are programmable in the range 1°C to 15°C.
Larger values of THYST prevent the fans from chattering on and
off. The THYST default value is set at 4°C.
The THYST setting not only applies to the temperature hysteresis
for fan on/off, but also is used for the TTHERM hysteresis value,
as described in Step 6: TRANGE for Temperature Channels. There-
fore, programming Register 0x6D and Register 0x6E sets the
hysteresis for both fan on/off and the THERM function.
Hysteresis Registers
Register 0x6D, Remote 1 and local hysteresis register
<7:4>, Remote 1 temperature hysteresis (4°C default)
<3:0>, local temperature hysteresis (4°C default)
Register 0x6E, Remote 2 temperature hysteresis register
<7:4>, Remote 2 temperature hysteresis (4°C default)
In some applications, it is required that fans continue to run at
PWMMIN, instead of turning off when the temperature drops
below TMIN. Bits <7:5> of Enhanced Acoustics Register 1
(0x62) allow the fans to be either turned off or kept spinning
below TMIN. If the fans are always on, the THYST value has no
effect on the fan when the temperature drops below TMIN.
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
LOCAL =
VRM TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
REMOTE 1 =
AMBIENT TEMP
REMOTE 2 =
CPU TEMP
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
TACHOMETER 1
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 2
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
100%
TMIN
0%
100%
TRANGE
TTHERM
Figure 68. The THYST Value Applies to Fan On/Off Hysteresis and THERM Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com