Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 59 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 59 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
ADT7467
Rev. 3 | Page 59 of 77 | www.onsemi.com
REGISTER MAP
Table 17. ADT7467 Registers
Address
R/W
Description
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Lock-
able
0x21
R
VCCP reading
9
8
7
6
5
4
3
2
0x00
0x22
R
VCC reading
9
8
7
6
5
4
3
2
0x00
0x25
R
Remote 1 temperature
9
8
7
6
5
4
3
2
0x01
0x26
R
Local temperature
9
8
7
6
5
4
3
2
0x01
0x27
R
Remote 2 temperature
9
8
7
6
5
4
3
2
0x01
0x28
R
TACH1 low byte
7
6
5
4
3
2
1
0
0x00
0x29
R
TACH1 high byte
15
14
13
12
11
10
9
8
0x00
0x2A
R
TACH2 low byte
7
6
5
4
3
2
1
0
0x00
0x2B
R
TACH2 high byte
15
14
13
12
11
10
9
8
0x00
0x2C
R
TACH3 low byte
7
6
5
4
3
2
1
0
0x00
0x2D
R
TACH3 high byte
15
14
13
12
11
10
9
8
0x00
0x2E
R
TACH4 low byte
7
6
5
4
3
2
1
0
0x00
0x2F
R
TACH4 high byte
15
14
13
12
11
10
9
8
0x00
0x30
R/W
PWM1 current duty
cycle
7
6
5
4
3
2
1
0
0x00
0x31
R/W
PWM2 current duty
cycle
7
6
5
4
3
2
1
0
0x00
0x32
R/W
PWM3 current duty
cycle
7
6
5
4
3
2
1
0
0x00
0x33
R/W
Remote 1 operating
point
7
6
5
4
3
2
1
0
0xA4
Yes
0x34
R/W
Local temperature
operating point
7
6
5
4
3
2
1
0
0xA4
Yes
0x35
R/W
Remote 2 operating
point
7
6
5
4
3
2
1
0
0xA4
Yes
0x36
R/W
Dynamic TMIN Control
Reg. 1
R2T
LT
R1T
PHTR2
PHTL
PHTR1
VCCPLO
CYR2
0x00
Yes
0x37
R/W
Dynamic TMIN Control
Reg. 2
CYR2
CYR2
CYL
CYL
CYL
CYR1
CYR1
CYR1
0x00
Yes
0x38
R/W
Max PWM1 duty cycle
7
6
5
4
3
2
1
0
0xFF
0x39
R/W
Max PWM2 duty cycle
7
6
5
4
3
2
1
0
0xFF
0x3A
R/W
Max PWM3 duty cycle
7
6
5
4
3
2
1
0
0xFF
0x3D
R
Device ID register
7
6
5
4
3
2
1
0
0x68
0x3E
R
Company ID number
7
6
5
4
3
2
1
0
0x41
0x3F
R
Revision number
VER
VER
VER
VER
STP
STP
STP
STP
0x71/
0x72
0x40
R/W
Configuration Register
1
VCC
TODIS
FSPDIS
VxI
FSPD
RDY
LOCK
STRT
0x01
Yes
0x41
R
Interrupt Status
Register 1
OOL
R2T
LT
R1T
RES
VCC
VCCP
RES
0x00
0x42
R
Interrupt Status
Register 2
D2
D1
F4P
FAN3
FAN2
FAN1
OVT
RES
0x00
0x46
R/W
VCCP low limit
7
6
5
4
3
2
1
0
0x00
0x47
R/W
VCCP high limit
7
6
5
4
3
2
1
0
0xFF
0x48
R/W
VCC low limit
7
6
5
4
3
2
1
0
0x00
0x49
R/W
VCC high limit
7
6
5
4
3
2
1
0
0xFF
0x4E
R/W
Remote 1 temperature
low limit
7
6
5
4
3
2
1
0
0x01
0x4F
R/W
Remote 1 temperature
7
6
5
4
3
2
1
0
0x7F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com