Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 51 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 51 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
ADT7467
Rev. 3 | Page 51 of 77 | www.onsemi.com
STEP 10: HIGH AND LOW LIMITS FOR
TEMPERATURE CHANNELS
If the temperature falls below the temperature channel’s low
limit, TMIN increases. This reduces fan speed, allowing the
system to heat up. An interrupt can be generated when the
temperature drops below the low limit.
If the temperature increases above the temperature channel’s
high limit, TMIN decreases. This increases fan speed to cool
down the system. An interrupt can be generated when the
temperature rises above the high limit.
Programming High and Low Limits
There are six limit registers; a high limit and a low limit are
associated with each temperature channel. These 8-bit registers
allow the high and low limit temperatures to be programmed
with 1°C resolution.
Temperature Limit Registers
Register 0x4E, Remote 1 temperature low limit = 0x01 default
Register 0x4F, Remote 1 temperature high limit = 0x7F default
Register 0x50, local temperature low limit = 0x01 default
Register 0x51, local temperature high limit = 0x7F default
Register 0x52, Remote 2 temperature low limit = 0x01 default
Register 0x53, Remote 2 temperature high limit = 0x7F default
How Dynamic TMIN Control Works
The basic premise is as follows:
1.
Set the target temperature for the temperature zone, for
example, the Remote 1 thermal diode. This value is
programmed to the Remote 1 operating temperature
register.
2.
As the temperature in that zone (Remote 1 temperature)
exceeds the operating point temperature, TMIN is reduced
and the fan speed increases.
3.
As the temperature drops below the operating point
temperature, TMIN is increased and the fan speed is reduced.
However, the loop operation is not as simple as described in
these steps. A number of conditions govern the situations in
which TMIN can increase or decrease.
Short Cycle and Long Cycle
The ADT7467 implements two loops: a short cycle and a long
cycle. The short cycle takes place every n monitoring cycles.
The long cycle takes place every 2n monitoring cycles. The
value of n is programmable for each temperature channel. The
bits are located at the following register locations:
Remote 1 = CYR1 = Bits <2:0> of Dynamic TMIN Control
Register 2 (Address 0x37)
Local = CYL = Bits <5:3> of Dynamic TMIN Control Register 2
(Address 0x37)
Remote 2 = CYR2 = Bits <7:6> of Dynamic TMIN Control
Register 2 and Bit 0 of Dynamic TMIN Control Register 1 (0x36)
Table 16. Cycle Bit Assignments
Code
Short Cycle
Long Cycle
000
8 cycles
(1 sec)
16 cycles
(2 sec)
001
16 cycles
(2 sec)
32 cycles
(4 sec)
010
32 cycles
(4 sec)
64 cycles
(8 sec)
011
64 cycles
(8 sec)
128 cycles
(16 sec)
100
128 cycles
(16 sec)
256 cycles
(32 sec)
101
256 cycles
(32 sec)
512 cycles
(64 sec)
110
512 cycles
(64 sec)
1024 cycles
(128 sec)
111
1024 cycles
(128 sec)
2048 cycles
(256 sec)
Care should be taken when choosing the cycle time. A long cycle
time means that TMIN is updated less often. If a system has very
fast temperature transients, the dynamic TMIN control loop lags.
If a cycle time is chosen that is too fast, the full benefit of chang-
ing TMIN might not be realized and will need to change upon the
next cycle; in effect, it is overshooting. Some calibration is
necessary to identify the most suitable response time.
Figure 70 shows the steps taken during the short cycle.
IS T1(n) – T1(n – 1) = 0.5 – 0.75°C
IS T1(n) – T1(n – 1) = 1.0 – 1.75°C
IS T1(n) – T1(n – 1) > 2.0°C
IS T1(n) >
(OP1 – HYS)
YES
IS T1(n) – T1(n – 1)
≤
0.25°C
DO NOTHING
(SYSTEM IS
COOLING OFF
FOR CONSTANT)
YES
NO
NO
DO NOTHING
WAIT n
MONITORING
CYCLES
PREVIOUS
TEMPERATURE
MEASUREMENT
T1 (n – 1)
CURRENT
TEMPERATURE
MEASUREMENT
T1(n)
OPERATING
POINT
TEMPERATURE
OP1
DECREASE TMIN BY 1°C
DECREASE TMIN BY 2°C
DECREASE TMIN BY 4°C
Figure 70. Short Cycle Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com