Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 72 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 72 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 69Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 70Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 71Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 72Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 73Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 74Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 75Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 76Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 77 page
background image
ADT7467
Rev. 3 | Page 72 of 77 | www.onsemi.com
Table 47. Register 0x70—Remote 1 Temperature Offset (Power-On Default = 0x00)
Bit
R/W1
Description
<7:0>
Read/write
Allows a twos complement offset value to be automatically added to or subtracted from the Remote 1 temperature
reading. This is to compensate for any inherent system offsets such as PCB trace resistance. LSB value = 0.5°C.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.
Table 48. Register 0x71—Local Temperature Offset (Power-On Default = 0x00)
Bit
R/W1
Description
<7:0>
Read/write
Allows a twos complement offset value to be automatically added to or subtracted from the local temperature reading. LSB value =
0.5°C.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.
Table 49. Register 0x72—Remote 2 Temperature Offset (Power-On Default = 0x00)
Bit
R/W1
Description
<7:0>
Read/write
Allows a twos complement offset value to be automatically added to or subtracted from the Remote 2 temperature reading. This is
to compensate for any inherent system offsets such as PCB trace resistance. LSB value = 0.5°C.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.
Table 50. Register 0x73—Configuration Register 2 (Power-On Default = 0x00)
Bit
Name
R/W1
Description
<0>
AIN1
Read/write
AIN1 = 0, speed of 3-wire fans measured using the TACH output from the fan.
AIN1 = 1, Pin 6 is reconfigured to measure the speed of 2-wire fans using an external sensing
resistor and coupling capacitor. AIN voltage threshold is set via Configuration Register 4
(0x7D). Only relevant in low frequency mode.
<1>
AIN2
Read/write
AIN2 = 0, speed of 3-wire fans measured using the TACH output from the fan.
AIN2 = 1, Pin 7 is reconfigured to measure the speed of 2-wire fans using an external sensing
resistor and coupling capacitor. AIN voltage threshold is set via Configuration Register 4
(0x7D). Only relevant in low frequency mode.
<2>
AIN3
Read/write
AIN3 = 0, speed of 3-wire fans measured using the TACH output from the fan.
AIN3 = 1, Pin 4 is reconfigured to measure the speed of 2-wire fans using an external sensing
resistor and coupling capacitor. AIN voltage threshold is set via Configuration Register 4
(0x7D). Only relevant in low frequency mode.
<3>
AIN4
Read/write
AIN4 = 0, speed of 3-wire fans measured using the TACH output from the fan.
AIN4 = 1, Pin 9 is reconfigured to measure the speed of 2-wire fans using an external sensing
resistor and coupling capacitor. AIN voltage threshold is set via Configuration Register 4
(0x7D). Only relevant in low frequency mode.
<4>
AVG
Read/write
AVG = 1, averaging on the temperature and voltage measurements is turned off. This allows
measurements on each channel to be made much faster.
<5>
ATTN
Read/write
ATTN = 1, the ADT7467 removes the attenuators from the VCCP input. The VCCP input can be
used for other functions such as connecting external sensors.
<6>
CONV
Read/write
CONV = 1, the ADT7467 is put into a single-channel ADC conversion mode. In this mode, the
ADT7467 can be set to read continuously from one input only, for example, Remote 1
temperature. The appropriate ADC channel is selected by writing to bits <7:5> of the TACH1
minimum high byte register (0x55).
Bits <7:5>, Register 0x55
000
Reserved
001
VCCP
010
VCC (3.3 V)
011
Reserved
100
Reserved
101
Remote 1 temperature
110
Local temperature
111
Remote 2 temperature
<7>
SHDN
Read/write
SHDN = 1, ADT7467 goes into shutdown mode. All PWM outputs assert low (or high
depending on the state of the INV bit) to switch off all fans. The PWM current duty cycle
registers read 0x00 to indicate that the fans are not being driven.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com