Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 4 Page - ON Semiconductor

  ADT7467ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
ADT7467
Rev. 3 | Page 4 of 77 | www.onsemi.com
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OPEN-DRAIN DIGITAL OUTPUTS, PWM1 to PWM3,
XTO
Current Sink, IOL
8.0
mA
Output Low Voltage, VOL
0.4
V
IOUT = −8.0 mA, VCC = 3.3 V
High Level Output Current, IOH
0.1
1.0
μA
VOUT = VCC
OPEN-DRAIN SERIAL DATA BUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = −4.0 mA, VCC = 3.3 V
High Level Output Current, IOH
0.1
1.0
μA
VOUT = VCC
SMBus DIGITAL INPUTS (SCL, SDA)
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.4
V
Hysteresis
500
mV
DIGITAL INPUT LOGIC LEVELS (TACH INPUTS)
Input High Voltage, VIH
2.0
V
5.5
V
Maximum input voltage
Input Low Voltage, VIL
0.8
V
−0.3
V
Minimum input voltage
Hysteresis
0.5
V p-p
DIGITAL INPUT LOGIC LEVELS (THERM) ADTL+
Input High Voltage, VIH
0.75 × VCCP
V
Input Low Voltage, VIL
0.4
V
DIGITAL INPUT CURRENT
Input High Current, IIH
−1
μA
VIN = VCC
Input Low Current, IIL
1
μA
VIN = 0
Input Capacitance, CIN
5
pF
SERIAL BUS TIMING
See Figure 2
Clock Frequency, fSCLK
10
400
kHz
Glitch Immunity, tSW
50
ns
Bus Free Time, tBUF
4.7
μs
Start Setup Time, tSU; STA
4.7
μs
Start Hold Time, tHD; STA
4.0
μs
SCL Low Time, tLOW
4.7
μs
SCL High Time, tHIGH
4.0
50
μs
SCL, SDA Rise Time, tr
1000
ns
SCL, SDA Fall Time, tf
300
μs
Data Setup Time, tSU; DAT
250
ns
Data Hold Time, tHD; DAT
300
ns
Detect Clock Low Timeout, tTIMEOUT
15
35
ms
Can be optionally disabled
SCL
SDA
PS
SP
tBUF
tHD; STA
tHD; DAT
tSU; DAT
tF
tR
tLOW
tSU; STA
tHIGH
tHD; STA
tSU; STO
Figure 2. Serial Bus Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com