Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 48 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 48 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 77 page
background image
ADT7467
Rev. 3 | Page 48 of 77 | www.onsemi.com
Note that the TTHERM limits are nonmaskable and affect the fan
speed regardless of the configuration of the automatic fan
control settings. This allows some flexibility, because a TRANGE
value can be selected based on its slope, and a hard limit (such
as 70°C) can be programmed as TMAX (the temperature at which
the fan reaches full speed) by setting TTHERM to that limit (for
example, 70°C).
THERM Limit Registers
Register 0x6A, Remote 1 THERM limit = 0xA4 (100°C default)
Register 0x6B, local THERM limit = 0xA4 (100°C default)
Register 0x6C, Remote 2 THERM limit = 0xA4 (100°C default)
Hysteresis Registers
Register 0x6D, Remote 1 and local hysteresis register
<7:4>, Remote 1 temperature hysteresis (4°C default)
<3:0>, local temperature hysteresis (4°C default)
Register 0x6E, Remote 2 temperature hysteresis register
<7:4>, Remote 2 temperature hysteresis (4°C default)
Because each hysteresis setting is four bits, hysteresis values are
programmable from 1°C to 15°C. It is recommended that
hysteresis values are not programmed to 0°C because this
disables hysteresis. In effect, this would cause the fans to cycle
between normal speed and 100% speed, creating unsettling
acoustic noise.
TMIN
0%
100%
TTHERM
TRANGE
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
LOCAL =
VRM TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
REMOTE 1 =
AMBIENT TEMP
REMOTE 2 =
CPU TEMP
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
TACHOMETER 1
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 2
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
PWM
CONFIG
PWM
MIN
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
100%
Figure 67. How T
THERM Relates to Automatic Fan Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com