Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 18 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
ADT7467
Rev. 3 | Page 18 of 77 | www.onsemi.com
The construction of a filter allows the ADT7467 and the remote
temperature sensor to operate in noisy environments. Figure 24
shows a low-pass R-C-R filter with the following values:
R = 100 Ω, C = 1 nF
This filtering reduces both common-mode noise and
differential noise.
D+
1nF
100Ω
REMOTE
TEMPERATURE
SENSOR
D–
100Ω
Figure 24. Filter Between Remote Sensor and ADT7467
Factors Affecting Diode Accuracy
Remote Sensing Diode
The ADT7467 is designed to work with either substrate transistors
built into processors or discrete transistors. Substrate transistors
are generally PNP types with the collector connected to the
substrate. Discrete types can be either PNP or NPN transistors
connected as a diode (base-shorted to the collector). If an NPN
transistor is used, the collector and base are connected to D+
and the emitter is connected to D−. If a PNP transistor is used,
the collector and base are connected to D− and the emitter is
connected to D+.
To reduce the error due to variations in both substrate and
discrete transistors, a number of factors should be taken into
consideration:
•
The ideality factor, nf, of the transistor is a measure of the
deviation of the thermal diode from ideal behavior. The
ADT7467 is trimmed for an nf value of 1.008. Use the
following equation to calculate the error introduced at a
temperature, T (°C), when using a transistor whose nf does
not equal 1.008. See the processor’s data sheet for the nf
values.
ΔT = (nf − 1.008)/1.008 × (273.15 K + T)
•
To correct for this error, the user can write the ΔT value to
the offset register, and the ADT7467 automatically adds it
to or subtracts it from the temperature measurement.
•
Some CPU manufacturers specify the high and low current
levels of the substrate transistors. The high current level of
the ADT7467, IHIGH, is 96 μA, and the low level current, ILOW,
is 6 μA. If the ADT7467 current levels do not match the
current levels specified by the CPU manufacturer, it may
be necessary to remove an offset. The CPU’s data sheet
should provide information relating to nf to compensate for
differences. An offset can be programmed to the offset
register. It is important to note that if more than one offset
must be considered, the algebraic sum of these offsets must
be programmed to the offset register.
If a discrete transistor is used with the ADT7467, the best
accuracy is obtained by choosing devices according to the
following criteria:
•
Base-emitter voltage is greater than 0.25 V at 6 μA with the
highest operating temperature.
•
Base-emitter voltage is less than 0.95 V at 100 μA with the
lowest operating temperature.
•
Base resistance is less than 100 Ω.
•
There is a small variation in hFE (for example, 50 to 150)
that indicates tight control of VBE characteristics.
Transistors such as 2N3904, 2N3906, or equivalents in SOT-23
packages are suitable devices to use.
Table 7. Twos Complement Temperature Data Format
Temperature
Digital Output (10-Bit)1
−128°C
1000 0000 00
−125°C
1000 0011 00
−100°C
1001 1100 00
−75°C
1011 0101 00
−50°C
1100 1110 00
−25°C
1110 0111 00
−10°C
1111 0110 00
0°C
0000 0000 00
+10.25°C
0000 1010 01
+25.5°C
0001 1001 10
+50.75°C
0011 0010 11
+75°C
0100 1011 00
+100°C
0110 0100 00
+125°C
0111 1101 00
+127°C
0111 1111 00
1 Bold numbers denote 2 LSBs of measurement in Extended Resolution
Register 2 (0x77) with 0.25°C resolution.
Table 8. Offset 64 Temperature Data Format
Temperature
Digital Output (10-Bit)1
−64°C
0000 0000 00
−1°C
0011 1111 00
0°C
0100 0000 00
+1°C
0100 0001 00
+10°C
0100 1010 00
+25°C
0101 1001 00
+50°C
0111 0010 00
+75°C
1000 1001 00
+100°C
1010 0100 00
+125°C
1011 1101 00
+191°C
1111 1111 00
1 Bold numbers denote 2 LSBs of measurement in Extended Resolution
Register 2 (0x77) with 0.25°C resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com