Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 37 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 37 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 77 page
background image
ADT7467
Rev. 3 | Page 37 of 77 | www.onsemi.com
Dynamic TMIN Control Overview
Dynamic TMIN control mode builds on the basic automatic fan
control loop by adjusting the TMIN value based on system
performance and measured temperature. Therefore, instead of
designing for the worst case, the system thermals can be defined
as operating zones. ADT7467 can self-adjust its fan control loop
to maintain either an operating zone temperature or a system
target temperature. For example, users can specify that the
ambient temperature in a system be maintained at 50°C. If the
temperature is below 50°C, the fans may not run or may run
very slowly. If the temperature is higher than 50°C, the fans may
throttle up.
The challenge presented by any thermal design is finding the
right settings to suit the system’s fan control solution. This can
involve designing for the worst case, followed by weeks of
system thermal characterization, and finally fan acoustic
optimization (for psychoacoustic reasons). Optimizing the
automatic fan control mode involves characterizing the system
to determine the best TMIN and TRANGE settings for the control
loop and the PWMMIN value that produces the quietest fan
speed setting. Using the ADT7467 dynamic TMIN control mode,
however, shortens the characterization time and alleviates
tweaking the control loop settings because the device can self-
adjust during system operation.
Dynamic TMIN control mode is operated by specifying the
operating zone temperatures required for the system.
Associated with this control mode are three operating point
registers, one for each temperature channel. This allows the
system thermal solution to be broken down into distinct
thermal zones. For example, CPU operating temperature is
70°C, VRM operating temperature is 80°C, and ambient
operating temperature is 50°C. The ADT7467 dynamically
alters the control solution to maintain each zone temperature as
closely as possible to its target operating point.
Operating Point Registers
Register 0x33, Remote 1 operating point = 0xA4 (100°C default)
Register 0x34, local operating point = 0xA4 (100°C default)
Register 0x35, Remote 2 operating point = 0xA4 (100°C default)
Figure 52 shows an overview of the parameters that affect the
operation of the dynamic TMIN control loop.
TLOW TMIN OPERATING
POINT
THIGH
TRANGE
TEMPERATURE
TTHERM
Figure 52. Dynamic TMIN Control Loop
Table 14 provides a brief description of each parameter.
Table 14. TMIN Control Loop Parameters
Parameter
Description
TLOW
If the temperature drops below the TLOW limit, an
error flag is set in a status register and an
SMBALERT interrupt can be generated.
THIGH
If the temperature exceeds the THIGH limit, an
error flag is set in a status register and an
SMBALERT interrupt can be generated.
TMIN
The temperature at which the fan turns on in
automatic fan speed control mode.
Operating
Point
The target temperature for a particular
temperature zone. The ADT7467 attempts to
maintain system temperature at approximately
the operating point by adjusting the TMIN
parameter of the control loop.
T
THERM
If the temperature exceeds this critical limit, the
fans can run at 100% for maximum cooling.
TRANGE
Programs the PWM duty cycle vs. temperature
control slope.
Dynamic TMIN Control Programming
Because the dynamic TMIN control mode is a basic extension of
the automatic fan control mode, program the automatic fan
control mode parameters as described in Step 1 to Step 8 in the
Programming the Automatic Fan Speed Control Loop section,
and then proceed with dynamic TMIN control mode programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com