Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 63 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 63 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 77 page
background image
ADT7467
Rev. 3 | Page 63 of 77 | www.onsemi.com
Table 23. Register 0x36—Dynamic TMIN Control Register 1 (Power-On Default = 0x00)1
Bit
Name
R/W
Description
<0>
CYR2
Read/write
MSB of 3-bit Remote 2 cycle value. The other two bits of the code reside in Dynamic TMIN Control Register 2
(0x37). These three bits define the delay time, in terms of the number of monitoring cycles, for making
subsequent TMIN adjustments in the control loop. The system is associated with thermal time constants that
must be found to optimize the response of the fans and the control loop.
<1>
VCCPLO
Read/write
VCCPLO = 1. When the power is supplied from 3.3 V STANDBY and the core voltage (VCCP) drops below its VCCP
low limit value (Register 0x46), the following occurs:
Status Bit 1 in Interrupt Status Register 1 is set.
SMBALERT is generated if enabled.
PROCHOT monitoring is disabled.
Dynamic TMIN control is disabled.
The device is prevented from entering shutdown.
Everything is re-enabled once VCCP increases above the VCCPLO limit.
<2>
PHTR1
Read/write
PHTR1 = 1 copies the Remote 1 current temperature to the Remote 1 operating point register if THERM is
asserted. The operating point contains the temperature at which THERM is asserted, allowing the system to
run as quietly as possible without affecting system performance.
PHTR1 = 0 ignores THERM assertions on the THERM pin. The Remote 1 operating point register reflects its
programmed value.
<3>
PHTL
Read/write
PHTL = 1 copies the local channel’s current temperature to the local operating point register if THERM is
asserted. The operating point contains the temperature at which THERM is asserted. This allows the system to
run as quietly as possible without affecting system performance.
PHTL = 0 ignores THERM assertions on the THERM pin. The local temperature operating point register reflects
its programmed value.
<4>
PHTR2
Read/write
PHTR2 = 1 copies the Remote 2 current temperature to the Remote 2 operating point register if THERM is
asserted. The operating point contains the temperature at which THERM is asserted, allowing the system to
run as quietly as possible without affecting system performance.
PHTR2 = 0 ignores THERM assertions on the THERM pin. The Remote 2 operating point register reflects its
programmed value.
<5>
R1T
Read/write
R1T = 1 enables dynamic TMIN control on the Remote 1 temperature channel. The chosen TMIN value is dynamically
adjusted based on the current temperature, operating point, and high and low limits for the zone.
R1T = 0 disables dynamic TMIN control. The TMIN value chosen is not adjusted, and the channel behaves as
described in the Fan Speed Control section.
<6>
LT
Read/write
LT = 1 enables dynamic TMIN control on the local temperature channel. The chosen TMIN value is dynamically
adjusted based on the current temperature, operating point, and high and low limits for the zone.
LT = 0 disables dynamic TMIN control. The TMIN value chosen is not adjusted, and the channel behaves as
described in the Fan Speed Control section.
<7>
R2T
Read/write
R2T = 1 enables dynamic TMIN control on the Remote 2 temperature channel. The chosen TMIN value is dynamically
adjusted based on the current temperature, operating point, and high and low limits for the zone.
R2T = 0 disables dynamic TMIN control. The TMIN value chosen is not adjusted, and the channel behaves as
described in the Fan Speed Control section.
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com