Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7467ARQZ-R7 Datasheet(PDF) 64 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 64 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 68Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
ADT7467
Rev. 3 | Page 64 of 77 | www.onsemi.com
Table 24. Register 0x37—Dynamic TMIN Control Register 2 (Power-On Default = 0x00)1
Bit
Name
R/W
Description
<2:0>
CYR1
Read/write
3-bit Remote 1 cycle value. These three bits define the delay time, in terms of the number of monitoring
cycles, for making subsequent TMIN adjustments in the control loop for the Remote 1 channel. The system is
associated with thermal time constants that must be found to optimize the response of the fans and the
control loop.
Bits
Decrease (Short) Cycle
Increase (Long) Cycle
000
8 cycles (1 sec)
16 cycles (2 sec)
001
16 cycles (2 sec)
32 cycles (4 sec)
010
32 cycles (4 sec)
64 cycles (8 sec)
011
64 cycles (8 sec)
128 cycles (16 sec)
100
128 cycles (16 sec)
256 cycles (32 sec)
101
256 cycles (32 sec)
512 cycles (64 sec)
110
512 cycles (64 sec)
1024 cycles (128 sec)
111
1024 cycles (128 sec)
2048 cycles (256 sec)
<5:3>
CYL
Read/write
3-bit local temperature cycle value. These three bits define the delay time, in terms of number of monitoring
cycles, for making subsequent TMIN adjustments in the control loop for the local temperature channel. The
system is associated with thermal time constants that must be found to optimize the response of the fans
and the control loop.
Bits
Decrease (Short) Cycle
Increase (Long) Cycle
000
8 cycles (1 sec)
16 cycles (2 sec)
001
16 cycles (2 sec)
32 cycles (4 sec)
010
32 cycles (4 sec)
64 cycles (8 sec)
011
64 cycles (8 sec)
128 cycles (16 sec)
100
128 cycles (16 sec)
256 cycles (32 sec)
101
256 cycles (32 sec)
512 cycles (64 sec)
110
512 cycles (64 sec)
1024 cycles (128 sec)
111
1024 cycles (128 sec)
2048 cycles (256 sec)
<7:6>
CYR2
Read/write
2 LSBs of 3-bit Remote 2 cycle value. The MSB of the 3-bit code resides in dynamic TMIN Control Register 1
(0x36). These three bits define the delay time, in terms of number of monitoring cycles, for making
subsequent TMIN adjustments in the control loop for the Remote 2 channel. The system is associated with
thermal time constants that must be found to optimize the response of fans and the control loop.
Bits
Decrease Cycle
Increase Cycle
000
8 cycles (1 sec)
16 cycles (2 sec)
001
16 cycles (2 sec)
32 cycles (4 sec)
010
32 cycles (4 sec)
64 cycles (8 sec)
011
64 cycles (8 sec)
128 cycles (16 sec)
100
128 cycles (16 sec)
256 cycles (32 sec)
101
256 cycles (32 sec)
512 cycles (64 sec)
110
512 cycles (64 sec)
1024 cycles (128 sec)
111
1024 cycles (128 sec)
2048 cycles (256 sec)
1 This register becomes a read-only register when the Configuration Register 1 LOCK bit is set to 1. Any subsequent attempts to write to this register fail.
Table 25. Maximum PWM Duty Cycle Registers (Power-On Default = 0xFF)1
Register Address
R/W
Description
0x38
Read/write
Maximum duty cycle for PWM1 output, default = 100% (0xFF).
0x39
Read/write
Maximum duty cycle for PWM2 output, default = 100% (0xFF).
0x3A
Read/write
Maximum duty cycle for PWM3 output, default = 100% (0xFF).
1 These registers set the maximum PWM duty cycle of the PWM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com